Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 9Page - Cypress Semiconductor BCM4354 Datasheet HTML 10Page - Cypress Semiconductor BCM4354 Datasheet HTML 11Page - Cypress Semiconductor BCM4354 Datasheet HTML 12Page - Cypress Semiconductor BCM4354 Datasheet HTML 13Page - Cypress Semiconductor BCM4354 Datasheet HTML 14Page - Cypress Semiconductor BCM4354 Datasheet HTML 15Page - Cypress Semiconductor BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
List of Figures
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 12
BROADCOM CONFIDENTIAL
List of Figures
Figure 1: Functional Block Diagram................................................................................................................... 1
Figure 2: BCM4354 Block Diagram ................................................................................................................. 18
Figure 3: Typical Power Topology for the BCM4354 ....................................................................................... 23
Figure 4: Recommended Oscillator Configuration ........................................................................................... 27
Figure 5: Recommended Circuit to Use with an External Reference Clock..................................................... 28
Figure 6: Startup Signaling Sequence ............................................................................................................. 38
Figure 7: CVSD Decoder Output Waveform Without PLC...............................................................................40
Figure 8: CVSD Decoder Output Waveform After Applying PLC..................................................................... 40
Figure 9: Functional Multiplex Data Diagram................................................................................................... 46
Figure 10: PCM Timing Diagram (Short Frame Sync, Master Mode) .............................................................. 47
Figure 11: PCM Timing Diagram (Short Frame Sync, Slave Mode) ................................................................ 48
Figure 12: PCM Timing Diagram (Long Frame Sync, Master Mode)............................................................... 49
Figure 13: PCM Timing Diagram (Long Frame Sync, Slave Mode)................................................................. 50
Figure 14: PCM Burst Mode Timing (Receive Only, Short Frame Sync)......................................................... 51
Figure 15: PCM Burst Mode Timing (Receive Only, Long Frame Sync) ......................................................... 52
Figure 16: USB Compounded Device Configuration ....................................................................................... 53
Figure 17: USB Full-Speed Timing .................................................................................................................. 55
Figure 18: UART Timing .................................................................................................................................. 57
Figure 19: I2S Transmitter Timing.................................................................................................................... 60
Figure 20: I2S Receiver Timing........................................................................................................................ 60
Figure 21: Example Blend/Switch Usage......................................................................................................... 63
Figure 22: Example Blend/Switch Separation.................................................................................................. 64
Figure 23: Example Soft Mute Characteristic .................................................................................................. 64
Figure 24: Broadcom GCI Mode LTE Coexistence Interface...........................................................................67
Figure 25: Legacy 3-Wire LTE Coexistence Interface ..................................................................................... 67
Figure 26: Signal Connections to SDIO Host (SD 4-Bit Mode)........................................................................ 70
Figure 27: Signal Connections to SDIO Host (SD 1-Bit Mode)........................................................................ 70
Figure 28: HSIC Device Block Diagram........................................................................................................... 71
Figure 29: PCI Express Layer Model ............................................................................................................... 72
Figure 30: WLAN MAC Architecture ................................................................................................................ 75
Figure 31: WLAN PHY Block Diagram............................................................................................................. 80
Figure 32: Radio Functional Block Diagram (core 0) ....................................................................................... 82
Figure 33: WLBGA Ball Map, 4.87 mm × 7.67 mm Array, 192-Ball, A1–V6 (Bottom View—Balls Facing Up)84
Figure 34: WLBGA Ball Map, 4.87 × 7.67 Array, 192-Ball, A7 – V12 (Bottom View—Balls Facing Up) ......... 85
Figure 35: RF Port Location for Bluetooth Testing......................................................................................... 129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com