Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 33Page - Cypress Semiconductor BCM4354 Datasheet HTML 34Page - Cypress Semiconductor BCM4354 Datasheet HTML 35Page - Cypress Semiconductor BCM4354 Datasheet HTML 36Page - Cypress Semiconductor BCM4354 Datasheet HTML 37Page - Cypress Semiconductor BCM4354 Datasheet HTML 38Page - Cypress Semiconductor BCM4354 Datasheet HTML 39Page - Cypress Semiconductor BCM4354 Datasheet HTML 40Page - Cypress Semiconductor BCM4354 Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 192 page
background image
Link Control Layer
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 36
Link Control Layer
The link control layer is part of the Bluetooth link control functions that are implemented in dedicated logic in the
link control unit (LCU). This layer consists of the command controller that takes commands from the software,
and other controllers that are activated or configured by the command controller, to perform the link control
tasks. Each task performs a different state in the Bluetooth Link Controller.
• Major states:
– Standby
– Connection
• Substates:
–Page
– Page Scan
– Inquiry
– Inquiry Scan
–Sniff
Test Mode Support
The BCM4354 fully supports Bluetooth Test mode as described in Part I:1 of the Specification of the Bluetooth
System Version 3.0
. This includes the transmitter tests, normal and delayed loopback tests, and reduced
hopping sequence.
In addition to the standard Bluetooth Test Mode, the BCM4354 also supports enhanced testing features to
simplify RF debugging and qualification and type-approval testing. These features include:
• Fixed frequency carrier wave (unmodulated) transmission
– Simplifies some type-approval measurements (Japan)
– Aids in transmitter performance analysis
• Fixed frequency constant receiver mode
– Receiver output directed to I/O pin
– Allows for direct BER measurements using standard RF test equipment
– Facilitates spurious emissions testing for receive mode
• Fixed frequency constant transmission
– Eight-bit fixed pattern or PRBS-9
– Enables modulated signal measurements with standard RF test equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com