Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 70Page - Cypress Semiconductor BCM4354 Datasheet HTML 71Page - Cypress Semiconductor BCM4354 Datasheet HTML 72Page - Cypress Semiconductor BCM4354 Datasheet HTML 73Page - Cypress Semiconductor BCM4354 Datasheet HTML 74Page - Cypress Semiconductor BCM4354 Datasheet HTML 75Page - Cypress Semiconductor BCM4354 Datasheet HTML 76Page - Cypress Semiconductor BCM4354 Datasheet HTML 77Page - Cypress Semiconductor BCM4354 Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 192 page
background image
PCI Express Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 73
Physical Layer
The physical layer of the PCIe provides a handshake mechanism between the data link layer and the high-speed
signaling used for Link data interchange. This layer is divided into the logical and electrical functional subblocks.
Both subblocks have dedicated transmit and receive units that allow for point-to-point communication between
the host and BCM4354 device. The transmit section prepares outgoing information passed from the data link
layer for transmission, and the receiver section identifies and prepares received information before passing it to
the data link layer. This process involves link initialization, configuration, scrambler, and data conversion into a
specific format.
Logical Subblock
The logical sub block primary functions are to prepare outgoing data from the data link layer for transmission
and identify received data before passing it to the data link layer.
Scrambler/Descrambler
This PCIe PHY component generates pseudo-random sequence for scrambling of data bytes and the idle
sequence. On the transmit side, scrambling is applied to characters prior to the 8b/10b encoding. On the receive
side, descrambling is applied to characters after 8b/10b decoding. Scrambling may be disabled in polling and
recovery for testing and debugging purposes.
8B/10B Encoder/Decoder
The PCIe core on the BCM4354 uses an 8b/10b encoder/decoder scheme to provide DC balancing,
synchronizing clock and data recovery, and error detection. The transmission code is specified in the ANSI
X3.230-1994, clause 11 and in IEEE 802.3z, 36.2.4.
Using this scheme, 8-bit data characters are treated as 3 bits and 5 bits mapped onto a 4-bit code group and a
6-bit code group, respectively. The control bit in conjunction with the data character is used to identify when to
encode one of the twelve Special Symbols included in the 8b/10b transmission code. These code groups are
concatenated to form a 10-bit symbol, which is then transmitted serially. Special Symbols are used for link
management, frame TLPs, and DLLPs, allowing these packets to be quickly identified and easily distinguished.
Elastic FIFO
An elastic FIFO is implemented in the receiver side to compensate for the differences between the transmit clock
domain and the receive clock domain, with worse case clock frequency specified at 600 ppm tolerance. As a
result, the transmit and receive clocks can shift one clock every 1666 clocks. In addition, the FIFO adaptively
adjusts the elastic level based on the relative frequency difference of the write and read clock. This technique
reduces the elastic FIFO size and the average receiver latency by half.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com