Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 78 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 74Page - Cypress Semiconductor BCM4354 Datasheet HTML 75Page - Cypress Semiconductor BCM4354 Datasheet HTML 76Page - Cypress Semiconductor BCM4354 Datasheet HTML 77Page - Cypress Semiconductor BCM4354 Datasheet HTML 78Page - Cypress Semiconductor BCM4354 Datasheet HTML 79Page - Cypress Semiconductor BCM4354 Datasheet HTML 80Page - Cypress Semiconductor BCM4354 Datasheet HTML 81Page - Cypress Semiconductor BCM4354 Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 192 page
background image
IEEE 802.11ac Draft MAC
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 77
WEP
The wired equivalent privacy (WEP) engine encapsulates all the hardware accelerators to perform the
encryption and decryption, and MIC computation and verification. The accelerators implement the following
cipher algorithms: legacy WEP, WPA TKIP, WPA2 AES-CCMP.
The PSM determines, based on the frame type and association information, the appropriate cipher algorithm to
be used. It supplies the keys to the hardware engines from an on-chip key table. The WEP interfaces with the
TXE to encrypt and compute the MIC on transmit frames, and the RXE to decrypt and verify the MIC on receive
frames.
TXE
The transmit engine (TXE) constitutes the transmit data path of the MAC. It coordinates the DMA engines to
store the transmit frames in the TXFIFO. It interfaces with WEP module to encrypt frames, and transfers the
frames across the MAC-PHY interface at the appropriate time determined by the channel access mechanisms.
The data received from the DMA engines are stored in transmit FIFOs. The MAC supports multiple logical
queues to support traffic streams that have different QoS priority requirements. The PSM uses the channel
access information from the IFS module to schedule a queue from which the next frame is transmitted. Once
the frame is scheduled, the TXE hardware transmits the frame based on a precise timing trigger received from
the IFS module.
The TXE module also contains the hardware that allows the rapid assembly of MPDUs into an A-MPDU for
transmission. The hardware module aggregates the encrypted MPDUs by adding appropriate headers and pad
delimiters as needed.
RXE
The receive engine (RXE) constitutes the receive data path of the MAC. It interfaces with the DMA engine to
drain the received frames from the RXFIFO. It transfers bytes across the MAC-PHY interface and interfaces with
the WEP module to decrypt frames. The decrypted data is stored in the RXFIFO.
The RXE module contains programmable filters that are programmed by the PSM to accept or filter frames
based on several criteria such as receiver address, BSSID, and certain frame types.
The RXE module also contains the hardware required to detect A-MPDUs, parse the headers of the containers,
and disaggregate them into component MPDUS.
IFS
The IFS module contains the timers required to determine interframe space timing including RIFS timing. It also
contains multiple backoff engines required to support prioritized access to the medium as specified by WMM.
The interframe spacing timers are triggered by the cessation of channel activity on the medium, as indicated by
the PHY. These timers provide precise timing to the TXE to begin frame transmission. The TXE uses this
information to send response frames or perform transmit frame-bursting (RIFS or SIFS separated, as within a
TXOP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com