Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor BCM4354 Datasheet HTML 10Page - Cypress Semiconductor BCM4354 Datasheet HTML 11Page - Cypress Semiconductor BCM4354 Datasheet HTML 12Page - Cypress Semiconductor BCM4354 Datasheet HTML 13Page - Cypress Semiconductor BCM4354 Datasheet HTML 14Page - Cypress Semiconductor BCM4354 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
Table of Contents
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 10
BROADCOM CONFIDENTIAL
Configuration Space.............................................................................................................................. 74
Section 11: Wireless LAN MAC and PHY ........................................................................ 75
IEEE 802.11ac Draft MAC........................................................................................................................... 75
PSM ............................................................................................................................................... 76
WEP ............................................................................................................................................... 77
TXE ................................................................................................................................................ 77
RXE................................................................................................................................................ 77
IFS.................................................................................................................................................. 77
TSF ................................................................................................................................................ 78
NAV................................................................................................................................................ 78
MAC-PHY Interface........................................................................................................................ 78
IEEE 802.11ac Draft PHY............................................................................................................................ 79
Section 12: WLAN Radio Subsystem ............................................................................. 81
Receiver Path.............................................................................................................................................. 81
Transmit Path.............................................................................................................................................. 81
Calibration................................................................................................................................................... 83
Section 13: Pinout and Signal Descriptions ................................................................... 84
Ball Maps..................................................................................................................................................... 84
Pin Lists....................................................................................................................................................... 86
Signal Descriptions .................................................................................................................................. 103
WLAN/BT GPIO Signals and Strapping Options ................................................................................... 119
GPIO Alternative Signal Functions ......................................................................................................... 120
I/O States ................................................................................................................................................... 122
Section 14: DC Characteristics ...................................................................................... 125
Absolute Maximum Ratings .................................................................................................................... 125
Environmental Ratings ............................................................................................................................ 126
Electrostatic Discharge Specifications .................................................................................................. 126
Recommended Operating Conditions and DC Characteristics ........................................................... 127
Section 15: Bluetooth RF Specifications ...................................................................... 129
Section 16: FM Receiver Specifications........................................................................ 135
Section 17: WLAN RF Specifications ............................................................................ 140
Introduction............................................................................................................................................... 140
2.4 GHz Band General RF Specifications............................................................................................... 140
WLAN 2.4 GHz Receiver Performance Specifications .......................................................................... 141
WLAN 2.4 GHz Transmitter Performance Specifications ..................................................................... 147
WLAN 5 GHz Receiver Performance Specifications ............................................................................. 149
WLAN 5 GHz Transmitter Performance Specifications ........................................................................ 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com