Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 2 Page - Cypress Semiconductor

  BCM4354 Datasheet HTML 1Page - Cypress Semiconductor BCM4354 Datasheet HTML 2Page - Cypress Semiconductor BCM4354 Datasheet HTML 3Page - Cypress Semiconductor BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
4354-DS109-R
5300 California Avenue • Irvine, CA 92617 • Phone: 949-926-5000 • Fax: 949-926-5203
October 15, 2014
Data Sheet
BCM4354
Single-Chip 5G Wi-Fi IEEE 802.11ac 2×2 MAC/
Baseband/Radio with Integrated Bluetooth 4.1
and FM Receiver
Figure 1: Functional Block Diagram
GENERAL DESCRIPT ION
The Broadcom® BCM4354 is a complete dual–band
(2.4 GHz and 5 GHz) 5G Wi–Fi 2 × 2 MIMO® MAC/
PHY/Radio System–on–a–Chip. This Wi–Fi single–
chip device provides a high level of integration with
dual–stream IEEE 802.11ac MAC/baseband/radio,
Bluetooth 4.1, and FM radio receiver. In IEEE
802.11ac mode, the WLAN operation supports rates
of MCS0–MCS9 (up to 256 QAM) in 20 MHz, 40 MHz,
and 80 MHz channels for data rates up to 867 Mbps.
In addition, all the rates specified in IEEE 802.11a/b/
g/n are supported. Included on–chip are 2.4 GHz and
5 GHz transmit power amplifiers and receive low
noise amplifiers.
For the WLAN section, several alternative host
interface options are included: an SDIO v3.0 interface
that can operate in 4b or 1b modes, a high-speed
inter-chip (HSIC) interface, and a PCIe v3.0 compliant
interface running at Gen1 speeds. For the Bluetooth
section, host interface options of a high-speed 4-wire
UART and USB 2.0 full-speed (12 Mbps) are
provided.
The BCM4354 uses advanced design techniques and
process technology to reduce active and idle power,
and includes an embedded power management unit
that simplifies the system power topology.
In addition, the BCM4354 implements highly
sophisticated enhanced collaborative coexistence
hardware mechanisms and algorithms that ensure
that WLAN and Bluetooth collaboration is optimized
for maximum performance. Coexistence support for
external radios (such as LTE cellular and GPS) is
provided via an external interface. As a result,
enhanced overall quality for simultaneous voice,
video, and data transmission on a handheld system is
achieved.
T/R Switch
Diplexer
VIO
VBAT
5G WLAN
2G WLAN
FM Rx
WLAN
Host I/F
Bluetooth Host I/F
FM Rx Host I/F
WL_REG_ON
SDIO
PCIe
BT_REG_ON
UART
BT_DEV_WAKE
BT_HOST_WAKE
I
2S
CLK_REQ
FM Audio Out
I
2S
HSIC
PCM
COEX
External
Coexistence I/F
FM I/F
USB 2.0
2.G WL/BT Rx
BT Tx
T/R Switch
5G WLAN
T/R Switch
3PST Switch
2G WLAN Tx
Ant1
Diplexer
Ant0
BCM4354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com