Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 12Page - Cypress Semiconductor BCM4354 Datasheet HTML 13Page - Cypress Semiconductor BCM4354 Datasheet HTML 14Page - Cypress Semiconductor BCM4354 Datasheet HTML 15Page - Cypress Semiconductor BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor BCM4354 Datasheet HTML 18Page - Cypress Semiconductor BCM4354 Datasheet HTML 19Page - Cypress Semiconductor BCM4354 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 192 page
background image
List of Tables
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 15
Table 36: BLE RF Specifications ................................................................................................................... 134
Table 37: FM Receiver Specifications ........................................................................................................... 135
Table 38: 2.4 GHz Band General RF Specifications...................................................................................... 140
Table 39: WLAN 2.4 GHz Receiver Performance Specifications .................................................................. 141
Table 40: WLAN 2.4 GHz Transmitter Performance Specifications .............................................................. 147
Table 41: WLAN 5 GHz Receiver Performance Specifications ..................................................................... 149
Table 42: WLAN 5 GHz Transmitter Performance Specifications ................................................................. 156
Table 43: Core Buck Switching Regulator (CBUCK) Specifications .............................................................. 158
Table 44: LDO3P3 Specifications .................................................................................................................. 159
Table 45: LDO3P3_B Specifications.............................................................................................................. 160
Table 46: BTLDO2P5 Specifications ............................................................................................................. 161
Table 47: CLDO Specifications...................................................................................................................... 162
Table 48: LNLDO Specifications.................................................................................................................... 163
Table 49: Typical WLAN Power Consumption............................................................................................... 164
Table 50: Bluetooth BLE and FM Current Consumption................................................................................ 166
Table 51: SDIO Bus Timing Parameters (Default Mode)............................................................................... 168
Table 52: SDIO Bus Timing Parameters (High-Speed Mode) ....................................................................... 169
Table 53: SDIO Bus Clock Timing Parameters (SDR Modes)....................................................................... 170
Table 54: SDIO Bus Input Timing Parameters (SDR Modes)........................................................................ 171
Table 55: SDIO Bus Output Timing Parameters (SDR Modes up to 100 MHz)............................................. 172
Table 56: SDIO Bus Output Timing Parameters (SDR Modes 100 MHz to 208 MHz) .................................. 173
Table 57: SDIO Bus Clock Timing Parameters (DDR50 Mode) .................................................................... 174
Table 58: SDIO Bus Timing Parameters (DDR50 Mode) .............................................................................. 175
Table 59: HSIC Interface Parameters............................................................................................................ 176
Table 60: PCI Express Interface Parameters ................................................................................................ 177
Table 61: JTAG Timing Characteristics ......................................................................................................... 179
Table 62: WLCSP Package Thermal Characteristics .................................................................................... 184
Table 63: WLBGA Package Thermal Characteristics .................................................................................... 184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com