Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 62Page - Cypress Semiconductor BCM4354 Datasheet HTML 63Page - Cypress Semiconductor BCM4354 Datasheet HTML 64Page - Cypress Semiconductor BCM4354 Datasheet HTML 65Page - Cypress Semiconductor BCM4354 Datasheet HTML 66Page - Cypress Semiconductor BCM4354 Datasheet HTML 67Page - Cypress Semiconductor BCM4354 Datasheet HTML 68Page - Cypress Semiconductor BCM4354 Datasheet HTML 69Page - Cypress Semiconductor BCM4354 Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 192 page
background image
RDS/RBDS
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 65
• High Cut: A programmable high-cut filter is provided to reduce the amount of high-frequency noise caused
by static in the output audio signal. Like the soft mute circuit, it is fully programmable to allow for any
amount of high cut based on the FM signal C/N.
• Audio Pause Detect: The FM receiver monitors the magnitude of the audio signal and notifies the host
through an interrupt when the magnitude of the signal has fallen below the threshold set for a
programmable period. This feature can be used to provide alternate frequency jumps during periods of
silence to minimize disturbances to the listener. Filtering techniques are used within the audio pause
detection block to provide more robust presence-to-silence detection and silence-to-presence detection.
• Automatic Antenna Tuning: The BCM4354 has an on-chip automatic antenna tuning network. When used
with a single off-chip inductor, the on-chip circuitry automatically chooses an optimal on-chip matching
component to obtain the highest signal strength for the desired frequency. The high-Q nature of this
matching network simultaneously provides out-of-band blocking protection as well as a reduction of
radiated spurious emissions from the FM antenna. It is designed to accommodate a wide range of external
wire antennas.
RDS/RBDS
The BCM4354 integrates a RDS/RBDS modem and codec, the decoder includes programmable filtering and
buffering functions, and the encoder includes the option to encode messages to PS or RT frame format with
programmable scrolling in PS mode. The RDS/RBDS data can be read out in receive mode or delivered in
transmit mode through either the HCI interface.
In addition, the RDS/RBDS functionality supports the following:
Receive
• Block decoding, error correction and synchronization
• Flywheel synchronization feature, allowing the host to set parameters for acquisition, maintenance, and
loss of sync. (It is possible to set up the BCM4354 such that synch is achieved when a minimum of two
good blocks (error free) are decoded in sequence. The number of good blocks required for sync is
programmable.)
• Storage capability up to 126 blocks of RDS data
• Full or partial block B match detect and interrupt to host
• Audio pause detection with programmable parameters
• Program Identification (PI) code detection and interrupt to host
• Automatic frequency jump
• Block E filtering
• Soft mute
• Signal dependent mono/stereo blend
• Programmable pre-emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com