Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 72Page - Cypress Semiconductor BCM4354 Datasheet HTML 73Page - Cypress Semiconductor BCM4354 Datasheet HTML 74Page - Cypress Semiconductor BCM4354 Datasheet HTML 75Page - Cypress Semiconductor BCM4354 Datasheet HTML 76Page - Cypress Semiconductor BCM4354 Datasheet HTML 77Page - Cypress Semiconductor BCM4354 Datasheet HTML 78Page - Cypress Semiconductor BCM4354 Datasheet HTML 79Page - Cypress Semiconductor BCM4354 Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
Wireless LAN MAC and PHY
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 75
Section 11: Wireless LAN MAC and PHY
IEEE 802.11ac Draft MAC
The BCM4354 WLAN MAC is designed to support high-throughput operation with low-power consumption. It
does so without compromising the Bluetooth coexistence policies, thereby enabling optimal performance over
both networks. In addition, several power saving modes have been implemented that allow the MAC to consume
very little power while maintaining network-wide timing synchronization. The architecture diagram of the MAC
is shown in Figure 30.
The following sections provide an overview of the important modules in the MAC.
Figure 30: WLAN MAC Architecture
Embedded CPU Interface
Host Registers, DMA Engines
TX-FIFO
32 KB
WEP
TKIP, AES, WAPI
TXE
TX A-MPDU
RXE
PMQ
PSM
Shared Memory
6 KB
PSM
UCODE
Memory
EXT- IHR
IFS
Backoff, BTCX
TSF
NAV
IHR
BUS
SHM
BUS
MAC-PHY Interface
RX-FIFO
10 KB
RX A-MPDU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com