Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 23Page - Cypress Semiconductor BCM4354 Datasheet HTML 24Page - Cypress Semiconductor BCM4354 Datasheet HTML 25Page - Cypress Semiconductor BCM4354 Datasheet HTML 26Page - Cypress Semiconductor BCM4354 Datasheet HTML 27Page - Cypress Semiconductor BCM4354 Datasheet HTML 28Page - Cypress Semiconductor BCM4354 Datasheet HTML 29Page - Cypress Semiconductor BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 192 page
background image
Power-Off Shutdown
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 26
Power-Off Shutdown
The BCM4354 provides a low-power shutdown feature that allows the device to be turned off while the host, and
any other devices in the system, remain operational. When the BCM4354 is not needed in the system,
VDDIO_RF and VDDC are shut down while VDDIO remains powered. This allows the BCM4354 to be effectively
off while keeping the I/O pins powered so that they do not draw extra current from any other devices connected
to the I/O.
During a low-power shut-down state, provided VDDIO remains applied to the BCM4354, all outputs are tristated,
and most inputs signals are disabled. Input voltages must remain within the limits defined for normal operation.
This is done to prevent current paths or create loading on any digital signals in the system, and enables the
BCM4354 to be fully integrated in an embedded device and take full advantage of the lowest power-savings
modes.
When the BCM4354 is powered on from this state, it is the same as a normal power-up and the device does not
retain any information about its state from before it was powered down.
Power-Up/Power-Down/Reset Circuits
The BCM4354 has two signals (see Table 2) that enable or disable the Bluetooth and WLAN circuits and the
internal regulator blocks, allowing the host to control power consumption. For timing diagrams of these signals
and the required power-up sequences, see Section 21: “Power-Up Sequence and Timing,” on page 180.
Table 2: Power-Up/Power-Down/Reset Control Signals
Signal
Description
WL_REG_ON This signal is used by the PMU (with BT_REG_ON) to power up the WLAN section. It is also
OR-gated with the BT_REG_ON input to control the internal BCM4354 regulators. When this
pin is high, the regulators are enabled and the WLAN section is out of reset. When this pin is
low, the WLAN section is in reset. If BT_REG_ON and WL_REG_ON are both low, the
regulators are disabled. This pin has an internal 200 kΩ pull-down resistor that is enabled by
default. It can be disabled through programming.
BT_REG_ON
This signal is used by the PMU (with WL_REG_ON) to decide whether or not to power down
the internal BCM4354 regulators. If BT_REG_ON and WL_REG_ON are low, the regulators
will be disabled. This pin has an internal 200 kΩ pull-down resistor that is enabled by default.
It can be disabled through programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com