Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 11Page - Cypress Semiconductor BCM4354 Datasheet HTML 12Page - Cypress Semiconductor BCM4354 Datasheet HTML 13Page - Cypress Semiconductor BCM4354 Datasheet HTML 14Page - Cypress Semiconductor BCM4354 Datasheet HTML 15Page - Cypress Semiconductor BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor BCM4354 Datasheet HTML 18Page - Cypress Semiconductor BCM4354 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 192 page
background image
List of Tables
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 14
List of Tables
Table 1: Device Options and Features ............................................................................................................ 17
Table 2: Power-Up/Power-Down/Reset Control Signals.................................................................................. 26
Table 3: Crystal Oscillator and External Clock—Requirements and Performance ......................................... 28
Table 4: External 32.768 kHz Sleep Clock Specifications ............................................................................... 30
Table 5: Power Control Pin Description ........................................................................................................... 37
Table 6: SPI to UART Signal Mapping............................................................................................................. 44
Table 7: PCM Interface Timing Specifications (Short Frame Sync, Master Mode).......................................... 47
Table 8: PCM Interface Timing Specifications (Short Frame Sync, Slave Mode)............................................ 48
Table 9: PCM Interface Timing Specifications (Long Frame Sync, Master Mode) .......................................... 49
Table 10: PCM Interface Timing Specifications (Long Frame Sync, Slave Mode) .......................................... 50
Table 11: PCM Burst Mode (Receive Only, Short Frame Sync) ...................................................................... 51
Table 12: PCM Burst Mode (Receive Only, Long Frame Sync) ...................................................................... 52
Table 13: USB Full-Speed Timing Specifications ............................................................................................ 55
Table 14: Example of Common Baud Rates.................................................................................................... 56
Table 15: UART Timing Specifications ............................................................................................................ 57
Table 16: Timing for I2S Transmitters and Receivers ...................................................................................... 59
Table 17: SDIO Pin Descriptions ..................................................................................................................... 69
Table 18: Pin List by Pin Number (192-Pin WLBGA Package)........................................................................ 86
Table 19: Pin List by Pin Name (192-Pin WLBGA Package)........................................................................... 89
Table 20: 395-Bump WLCSP Coordinates ...................................................................................................... 92
Table 21: WLCSP Signal Descriptions .......................................................................................................... 103
Table 22: WLBGA Signal Descriptions .......................................................................................................... 111
Table 23: WLAN GPIO Functions and Strapping Options ............................................................................. 119
Table 24: BT GPIO Functions and Strapping Options ................................................................................... 119
Table 25: GPIO_[10, 9, 8] Host Interface Selection....................................................................................... 119
Table 26: GPIO Alternative Signal Functions ................................................................................................ 120
Table 27: GPIO Status Vs. Test Modes......................................................................................................... 121
Table 28: I/O States ....................................................................................................................................... 122
Table 29: Absolute Maximum Ratings ........................................................................................................... 125
Table 30: Environmental Ratings................................................................................................................... 126
Table 31: Electrostatic Discharge Specifications ........................................................................................... 126
Table 32: Recommended Operating Conditions and DC Characteristics...................................................... 127
Table 33: Bluetooth Receiver RF Specifications............................................................................................ 129
Table 34: Bluetooth Transmitter RF Specifications........................................................................................ 132
Table 35: Local Oscillator Performance......................................................................................................... 134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com