Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 4 Page - Cypress Semiconductor

  BCM4354 Datasheet HTML 1Page - Cypress Semiconductor BCM4354 Datasheet HTML 2Page - Cypress Semiconductor BCM4354 Datasheet HTML 3Page - Cypress Semiconductor BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 192 page
background image
Broadcom®, the pulse logo, Connecting everything®, the Connecting everything logo, OneDriver™, and
SmartAudio® are among the trademarks of Broadcom Corporation and/or its affiliates in the United States,
certain other countries and/or the EU. Any other trademarks or trade names mentioned are the property of their
respective owners.
This data sheet (including, without limitation, the Broadcom component(s) identified herein) is not designed,
intended, or certified for use in any military, nuclear, medical, mass transportation, aviation, navigations,
pollution control, hazardous substances management, or other high-risk application. BROADCOM PROVIDES
THIS DATA SHEET “AS-IS,” WITHOUT WARRANTY OF ANY KIND. BROADCOM DISCLAIMS ALL
WARRANTIES, EXPRESSED AND IMPLIED, INCLUDING, WITHOUT LIMITATION, THE IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, AND NON-
Broadcom Corporation
5300 California Avenue
Irvine, CA 92617
© 2014 by Broadcom Corporation
All rights reserved
Printed in the U.S.A.
FEATURES
General Features
• Supports battery range from 3.0V to 5.25V
supplies with internal switching regulator.
• Programmable dynamic power management
• 484 bytes of user-accessible OTP for storing
board parameters
• GPIOs: 11 in WLBGA, 16 in WLCSP
• Package options:
– 192-ball WLBGA (4.87 mm × 7.67 mm,
0.4 mm pitch
– 395-bump WLCSP (4.87 mm × 7.67 mm,
0.2 mm pitch)
• Security:
– WPA™ and WPA2™ (Personal) support for powerful
encryption and authentication
– AES and TKIP in hardware for faster data encryption
and IEEE 802.11i compatibility
– Reference WLAN subsystem provides Cisco®
Compatible Extensions (CCX, CCX 2.0, CCX 3.0,
CCX 4.0, CCX 5.0)
– Reference WLAN subsystem provides Wi-Fi
Protected Setup (WPS)
• Worldwide regulatory support: Global products
supported with worldwide homologated design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com