Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 65Page - Cypress Semiconductor BCM4354 Datasheet HTML 66Page - Cypress Semiconductor BCM4354 Datasheet HTML 67Page - Cypress Semiconductor BCM4354 Datasheet HTML 68Page - Cypress Semiconductor BCM4354 Datasheet HTML 69Page - Cypress Semiconductor BCM4354 Datasheet HTML 70Page - Cypress Semiconductor BCM4354 Datasheet HTML 71Page - Cypress Semiconductor BCM4354 Datasheet HTML 72Page - Cypress Semiconductor BCM4354 Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
UART Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 68
UART Interface
One 2-wire UART interface can be enabled by software as an alternate function on GPIO pins. Refer to
Table 26: “GPIO Alternative Signal Functions,” on page 120. Provided primarily for debugging during
development, this UART enables the BCM4354 to operate as RS-232 data termination equipment (DTE) for
exchanging and managing data with other serial devices. It is compatible with the industry standard 16550
UART, and provides a FIFO size of 64 × 8 in each direction.
JTAG Interface
The BCM4354 supports the IEEE 1149.1 JTAG boundary scan standard for performing device package and
PCB assembly testing during manufacturing. In addition, the JTAG interface allows Broadcom to assist
customers by using proprietary debug and characterization test tools during board bring-up. Therefore, it is
highly recommended to provide access to the JTAG pins by means of test points or a header on all PCB designs.
Refer to Table 26: “GPIO Alternative Signal Functions,” on page 120 for JTAG pin assignments.
SPROM Interface
Various hardware configuration parameters may be stored in an external SPROM instead of the OTP. The
SPROM is read by system software after device reset. In addition, depending on the board design, customer-
specific parameters may be stored in SPROM.
The four SPROM control signals —SPROM_CS, SPROM_CLK, SPROM_MI, and SPROM_MO are
multiplexed on the SDIO interface (see Table 26: “GPIO Alternative Signal Functions,” on page 120 for
additional details). By default, the SPROM interface supports 2 kbit serial SPROMs, and it can also support
4 kbit and 16 kbit serial SPROMs by using the appropriate strapping option.
SFLASH Interface
For use only when the HSIC interface mode is selected, an interface to external SFLASH is available.
The four SFLASH control signals —SFLASH_CS#, SFLASH_CLK, SFLASH_MI, and SFLASH_MO are
multiplexed on the SDIO interface (see Table 26: “GPIO Alternative Signal Functions,” on page 120 for
additional details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com