Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 2Page - Cypress Semiconductor BCM4354 Datasheet HTML 3Page - Cypress Semiconductor BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor BCM4354 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
Revision History
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 5
BROADCOM CONFIDENTIAL
4354-DS104-R
03/24/14
Updated:
• Table 4: “External 32.768 kHz Sleep Clock Specifications,” on page
28
• Figure 33: “WLBGA Ball Map, 4.87 × 7.67 Array, 192-Balls, A7–V12
(Bottom View — Balls Facing Up),” on page 83
• Table 20: “395-Bump WLCSP Coordinates,” on page 90 (Modified
Bump 230, see note at end of the Table 20.)
• Table 32: “Bluetooth Receiver RF Specifications,” on page 129
(footnotes modified)
• Table 50: “Bluetooth BLE and FM Current Consumption,” on page
167
4354-DS103-R
12/20/13
Updated:
• Table 33: “Environmental Ratings,” on page 141: Ambient
temperature range for functional operation is now –30°C to +85°C.
4354-DS102-R
12/12/13
Updated:
• The BCM4354 now supports PCI Express base specification v3.0
running at Gen1 speeds.
• “WLAN 2.4 GHz Receiver Performance Specifications” on page 158:
Note update.
• “WLAN 2.4 GHz Transmitter Performance Specifications” on page
170: Note update.
• “WLAN 5 GHz Receiver Performance Specifications” on page 174:
Note update.
• “WLAN 5 GHz Transmitter Performance Specifications” on page 187:
Note update.
• “Package Thermal Characteristics” on page 219: Note update.
• Section 24: “Ordering Information,” on page 227.
Revision
Date
Change Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com