Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor BCM4354 Datasheet HTML 33Page - Cypress Semiconductor BCM4354 Datasheet HTML 34Page - Cypress Semiconductor BCM4354 Datasheet HTML 35Page - Cypress Semiconductor BCM4354 Datasheet HTML 36Page - Cypress Semiconductor BCM4354 Datasheet HTML 37Page - Cypress Semiconductor BCM4354 Datasheet HTML 38Page - Cypress Semiconductor BCM4354 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
Bluetooth Radio
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 34
Receiver
The receiver path uses a low-IF scheme to downconvert the received signal for demodulation in the digital
demodulator and bit synchronizer. The receiver path provides a high degree of linearity, an extended dynamic
range, and high-order on-chip channel filtering to ensure reliable operation in the noisy 2.4 GHz ISM band. The
front-end topology with built-in out-of-band attenuation enables the BCM4354 to be used in most applications
with minimal off-chip filtering. For integrated handset operation, in which the Bluetooth function is integrated
close to the cellular transmitter, external filtering is required to eliminate the desensitization of the receiver by
the cellular transmit signal.
Digital Demodulator and Bit Synchronizer
The digital demodulator and bit synchronizer take the low-IF received signal and perform an optimal frequency
tracking and bit synchronization algorithm.
Receiver Signal Strength Indicator
The radio portion of the BCM4354 provides a Receiver Signal Strength Indicator (RSSI) signal to the baseband,
so that the controller can take part in a Bluetooth power-controlled link by providing a metric of its own receiver
signal strength to determine whether the transmitter should increase or decrease its output power.
Local Oscillator Generation
Local Oscillator (LO) generation provides fast frequency hopping (1600 hops/second) across the 79 maximum
available channels. The LO generation subblock employs an architecture for high immunity to LO pulling during
PA operation. The BCM4354 uses an internal RF and IF loop filter.
Calibration
The BCM4354 radio transceiver features an automated calibration scheme that is fully self contained in the
radio. No user interaction is required during normal operation or during manufacturing to provide the optimal
performance. Calibration optimizes the performance of all the major blocks within the radio to within 2% of
optimal conditions, including gain and phase characteristics of filters, matching between key components, and
key gain blocks. This takes into account process variation and temperature variation. Calibration occurs
transparently during normal operation during the settling time of the hops and calibrates for temperature
variations as the device cools and heats during normal operation in its environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com