Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 60Page - Cypress Semiconductor BCM4354 Datasheet HTML 61Page - Cypress Semiconductor BCM4354 Datasheet HTML 62Page - Cypress Semiconductor BCM4354 Datasheet HTML 63Page - Cypress Semiconductor BCM4354 Datasheet HTML 64Page - Cypress Semiconductor BCM4354 Datasheet HTML 65Page - Cypress Semiconductor BCM4354 Datasheet HTML 66Page - Cypress Semiconductor BCM4354 Datasheet HTML 67Page - Cypress Semiconductor BCM4354 Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 192 page
background image
Audio Features
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 63
Audio Features
A number of features are implemented in the BCM4354 to provide the best possible audio experience for the
user.
• Mono/Stereo Blend or Switch: The BCM4354 provides automatic control of the stereo or mono settings
based on the FM signal carrier-to-noise ratio (C/N). This feature is used to maintain the best possible audio
SNR based on the FM channel condition. Two modes of operation are supported:
– Blend: In this mode, fine control of stereo separation is used to achieve optimal audio quality over a
wide range of input C/N. The amount of separation is fully programmable. In Figure 21, the separation is
programmed to maintain a minimum 50 dB SNR across the blend range.
– Extended blend: In this mode, stereo separation is maximized across a wide range of input CNR.
Broadcom static suppression typically gives a static-free user experience to within 3 dB of ultimate
sensitivity.
Figure 21: Example Blend/Switch Usage
– Switch: In this mode, the audio switches from full stereo to full mono at a predetermined level to
maintain optimal audio quality. The stereo-to-mono switch point and the mono-to-stereo switch points
are fully programmable to provide the desired amount of audio SNR. In Figure 22, the switch point is
programmed to switch to mono to maintain a 40 dB SNR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com