Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 81Page - Cypress Semiconductor BCM4354 Datasheet HTML 82Page - Cypress Semiconductor BCM4354 Datasheet HTML 83Page - Cypress Semiconductor BCM4354 Datasheet HTML 84Page - Cypress Semiconductor BCM4354 Datasheet HTML 85Page - Cypress Semiconductor BCM4354 Datasheet HTML 86Page - Cypress Semiconductor BCM4354 Datasheet HTML 87Page - Cypress Semiconductor BCM4354 Datasheet HTML 88Page - Cypress Semiconductor BCM4354 Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
Pinout and Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 84
Section 13: Pinout and Signal Descriptions
Ball Maps
Figure 33 and Figure 34 on page 85 show the WLBGA ball map.
Figure 33: WLBGA Ball Map, 4.87 mm × 7.67 mm Array, 192-Ball, A1–V6 (Bottom View—Balls Facing Up)
65
4
3
2
1
HSIC_DATA
PCIE_REFCLKN
PCIE_REFCLKP
PCIE_TDN
PCIE_TDP
A
HSIC_AGND12PLL
PCIE_PLL_AVSS
PCIE_RXTX_AVSS
PCIE_PLL
_AVDD1P2
PCIE_RXTX
_AVDD1P2
PCIE_RDN
B
HSIC_DVDD12
PCIE_PME_L
PCIE_PERST_L
PCIE_TESTP
PCIE_TESTN
PCIE_RDP
C
VSSC
PCIE_CLKREQ_L
VDDC
VSSC
D
GPIO_9
BT_USB_DN
BT_VDDC
FM_AUDIOVDD1P2
FM_AOUT1
E
LPO_IN
BT_USB_DP
CLK_REQ
FM_PLLVDD1P2
FM_AUDIOVSS
FM_AOUT2
F
BT_I2S_DO
BT_I2S_DI
VSSC
FM_PLLVSS
FM_VCOVSS
FM_LNAVCOVDD1P2
G
BT_UART_RXD
BT_PCM_OUT
BT_VDDC
FM_LNAVSS
FM_RFIN
H
BT_I2S_CLK
BT_UART_TXD
BT_PCM_IN
BT_HOST_WAKE
BT_VCOVSS
BT_VCOVDD1P2
J
BT_PCM_SYNC
BT_UART_RTS_L
BT_GPIO_4
BT_IFVDD1P2
BT_PLLVDD1P2
BT_LNAVDD1P2
K
BT_I2S_WS
BT_UART_CTS_L
BT_DEV_WAKE
BT_PLLVSS
BT_PAVSS
BT_RF
L
BT_PCM_CLK
BT_VDDC
VSSC
BT_IFVSS
BT_PAVDD2P5
M
RF_SW_CTRL_4
WRF_RX2G
_GND1P2_CORE0
WRF_LNA_2G
_GND1P2_CORE0
WRF_RFIN
_2G_CORE0
N
RF_SW_CTRL_6
WRF_AFE
_GND1P2_CORE0
WRF_TX
_GND1P2_CORE0
WRF_PA2G_VBAT
_GND3P3_CORE0
WRF_RFOUT
_2G_CORE0
P
WRF_LOGEN
_GND1P2
WRF_LOGENG
_GND1P2
WRF_GPIO
_OUT_CORE0
WRF_PADRV_VBAT
_VDD3P3_CORE0
WRF_PA2G_VBAT
_GND3P3_CORE0
WRF_PA2G_VBAT
_VDD3P3_CORE0
R
WRF_MMD
_GND1P2
WRF_MMD
_VDD1P2
WRF_PFD
_VDD1P2
WRF_PADRV_VBAT
_GND3P3_CORE0
WRF_PA5G_VBAT
_GND3P3_CORE0
WRF_PA5G_VBAT
_VDD3P3_CORE0
T
WRF_VCO
_GND1P2
WRF_PFD
_GND1P2
WRF_BUCK
_VDD1P5
CORE0
WRF_TSSI_A
_CORE0
WRF_PA5G_VBAT
_GND3P3_CORE0
WRF_RFOUT
_5G_CORE0
U
WRF_SYNTH
_VBAT_VDD3P3
WRF_CP
_GND1P2
WRF_BUCK
_GND1P5_CORE0
WRF_RX5G
_GND1P2_CORE0
WRF_LNA_5G
_GND1P2_CORE0
WRF_RFIN
_5G_CORE0
V
65
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com