Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor BCM4354 Datasheet HTML 18Page - Cypress Semiconductor BCM4354 Datasheet HTML 19Page - Cypress Semiconductor BCM4354 Datasheet HTML 20Page - Cypress Semiconductor BCM4354 Datasheet HTML 21Page - Cypress Semiconductor BCM4354 Datasheet HTML 22Page - Cypress Semiconductor BCM4354 Datasheet HTML 23Page - Cypress Semiconductor BCM4354 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 192 page
background image
Features
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 19
Features
The BCM4354 supports the following features:
• IEEE 802.11a/b/g/n/ac dual-band 2x2 MIMO radio with virtual-simultaneous dual-band operation
• Bluetooth v4.1 + EDR with integrated Class 1 PA
• Concurrent Bluetooth, FM (RX) RDS/RBDS, and WLAN operation
• On-chip WLAN driver execution capable of supporting IEEE 802.11 functionality
• Single- and dual-antenna support
– Single antenna with shared LNA
– Simultaneous BT/WLAN receive with single antenna
• WLAN host interface options:
– SDIO v3.0 (1-bit/4-bit)—up to 208 MHz clock rate in SDR104 mode
– HSIC (USB device interface for short distance on-board applications)
– PCIe 2.0
• BT host digital interface (can be used concurrently with above interfaces):
– UART (up to 4 Mbps)
• BT supports full-speed USB 2.0-compliant interface
• ECI—enhanced coexistence support, ability to coordinate BT SCO transmissions around WLAN receives
•I2S/PCM for FM/BT audio, HCI for FM block control
• HCI high-speed UART (H4, H4+, H5) transport support
• Wideband speech support (16 bits linear data, MSB first, left justified at 4K samples/s for transparent air
coding, both through I2S and PCM interface)
• Bluetooth SmartAudio® technology improves voice and music quality to headsets
• Bluetooth low power inquiry and page scan
• Bluetooth Low Energy (BLE) support
• Bluetooth Packet Loss Concealment (PLC)
• Bluetooth Wide Band Speech (WBS)
• FM advanced internal antenna support
• FM auto search/tuning functions
• FM multiple audio routing options: I2S, PCM, eSCO, and A2DP
• FM mono-stereo blend and switch, and soft mute support
• FM audio pause detect support
• Audio rate-matching algorithms
• Multiple simultaneous A2DP audio stream
• FM over Bluetooth operation and on-chip stereo headset emulation (SBC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com