Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 26Page - Cypress Semiconductor BCM4354 Datasheet HTML 27Page - Cypress Semiconductor BCM4354 Datasheet HTML 28Page - Cypress Semiconductor BCM4354 Datasheet HTML 29Page - Cypress Semiconductor BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor BCM4354 Datasheet HTML 33Page - Cypress Semiconductor BCM4354 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
External Frequency Reference
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 29
Drive level
External crystal must be able to
tolerate this drive level.
200
–
––––µW
Input impedance
(WRF_XTAL_IN)
Resistive
–
–
–
30
100
–
kΩ
Capacitive
––
7.5
––7.5
pF
WRF_XTAL_IN
Input low level
DC-coupled digital signal
––
–0–0.2
V
WRF_XTAL_IN
Input high level
DC-coupled digital signal
–
–
–
1.0
–
1.26
V
WRF_XTAL_IN
input voltage
(see Figure 5)
AC-coupled analog signal
–
–
–
400
–
1200 mVp-p
Duty cycle
37.4 MHz clock
–
–
–
40
50
60
%
Phase Noiseg
(IEEE 802.11b/g)
37.4 MHz clock at 10 kHz offset –
–
–
–
–
–129 dBc/Hz
37.4 MHz clock at 100 kHz offset –
–
–
–
–
–136 dBc/Hz
Phase Noiseg
(IEEE 802.11a)
37.4 MHz clock at 10 kHz offset –
–
–
–
–
–137 dBc/Hz
37.4 MHz clock at 100 kHz offset –
–
–
–
–
–144 dBc/Hz
Phase Noiseg
(IEEE 802.11n,
2.4 GHz)
37.4 MHz clock at 10 kHz offset –
–
–
–
–
–134 dBc/Hz
37.4 MHz clock at 100 kHz offset –
–
–
–
–
–141 dBc/Hz
Phase Noiseg,h
(IEEE 802.11n,
5GHz)
37.4 MHz clock at 10 kHz offset –
–
–
–
–
–142 dBc/Hz
37.4 MHz clock at 100 kHz offset –
–
–
–
–
–149 dBc/Hz
Phase Noiseg
(IEEE 802.11ac,
5GHz)
37.4 MHz clock at 10 kHz offset –
–
–
–
–
–150 dBc/Hz
37.4 MHz clock at 100 kHz offset –
–
–
–
–
–157 dBc/Hz
a. (Crystal) Use WRF_XTAL_IN and WRF_XTAL_OUT.
b. See “External Frequency Reference” on page 28 for alternate connection methods.
c. For a clock reference other than 37.4 MHz, 20 × log10(f/ 37.4) dB should be added to the limits, where f = the
reference clock frequency in MHz.
d. BT_TM6 should be tied low for a 52 MHz clock reference. For other frequencies, BT_TM6 should be tied high.
Note that 52 MHz is not an auto–detected frequency using the LPO clock.
e. The frequency step size is approximately 80 Hz resolution.
f. It is the responsibility of the equipment designer to select oscillator components that comply with these
specifications.
g. Assumes that external clock has a flat phase noise response above 100 kHz.
h. If the reference clock frequency is <35 MHz the phase noise requirements must be tightened by an additional
2dB.
Table 3: Crystal Oscillator and External Clock —Requirements and Performance (Cont.)
Parameter
Conditions/Notes
Crystala
External Frequency
Referenceb,c
Min.
Typ.
Max.
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com