Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 29Page - Cypress Semiconductor BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor BCM4354 Datasheet HTML 33Page - Cypress Semiconductor BCM4354 Datasheet HTML 34Page - Cypress Semiconductor BCM4354 Datasheet HTML 35Page - Cypress Semiconductor BCM4354 Datasheet HTML 36Page - Cypress Semiconductor BCM4354 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 192 page
background image
Features
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 32
• Multipoint operation with up to seven active slaves
– Maximum of seven simultaneous active ACL links
– Maximum of three simultaneous active SCO and eSCO connections with scatternet support
• Trigger Broadcom fast connect (TBFC)
• Narrowband and wideband packet loss concealment
• Scatternet operation with up to four active piconets with background scan and support for scatter mode
• High-speed HCI UART transport support with low-power out-of-band BT_DEV_WAKE and
BT_HOST_WAKE signaling (see “Host Controller Power Management” on page 37)
• Channel quality driven data rate and packet type selection
• Standard Bluetooth test modes
• Extended radio and production test mode features
• Full support for power savings modes
– Bluetooth clock request
– Bluetooth standard sniff
– Deep-sleep modes and software regulator shutdown
• TCXO input and auto-detection of all standard handset clock frequencies. Also supports a low-power
crystal, which can be used during power save mode for better timing accuracy.
Major FM Radio features include:
• 65 MHz to 108 MHz FM bands supported (US, Europe, and Japan)
• FM subsystem control using the Bluetooth HCI interface
• FM subsystem operates from reference clock inputs.
• Improved audio interface capabilities with full-featured bidirectional PCM and I2S
•I2S can be master or slave.
FM Receiver-Specific Features Include:
• Excellent FM radio performance with 1 µV sensitivity for 26 dB (S+N)/N
• Signal-dependent stereo/mono blending
• Signal dependent soft mute
• Auto search and tuning modes
• Audio silence detection
• RSSI, IF frequency, status indicators
• RDS and RBDS demodulator and decoder with filter and buffering functions
• Automatic frequency jump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com