Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 41Page - Cypress Semiconductor BCM4354 Datasheet HTML 42Page - Cypress Semiconductor BCM4354 Datasheet HTML 43Page - Cypress Semiconductor BCM4354 Datasheet HTML 44Page - Cypress Semiconductor BCM4354 Datasheet HTML 45Page - Cypress Semiconductor BCM4354 Datasheet HTML 46Page - Cypress Semiconductor BCM4354 Datasheet HTML 47Page - Cypress Semiconductor BCM4354 Datasheet HTML 48Page - Cypress Semiconductor BCM4354 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 192 page
background image
Bluetooth Peripheral Transport Unit
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 44
Section 7: Bluetooth Peripheral Transport
Unit
SPI Interface
The BCM4354 supports a slave SPI HCI transport with an input clock range of up to 16 MHz. Higher clock rates
can be possible. The physical interface between the SPI master and the BCM4354 consists of the four SPI
signals (SPI_CSB, SPI_CLK, SPI_SI, and SPI_SO) and one interrupt signal (SPI_INT). The SPI signals are
muxed onto the UART signals, see Table 6. The BCM4354 can be configured to accept active-low or active-high
polarity on the SPI_CSB chip select signal. It can also be configured to drive an active-low or active-high
SPI_INT interrupt signal. Bit ordering on the SPI_SI and SPI_SO data lines can be configured as either little-
endian or big-endian. Additionally, proprietary sleep mode and half-duplex handshaking is implemented
between the SPI master and the BCM4354. The SPI_INT is required to negotiate the start of a transaction. The
SPI interface does not require flow control in the middle of a payload. The FIFO is large enough to handle the
largest packet size. Only the SPI master can stop the flow of bytes on the data lines, since it controls SPI_CSB
and SPI_CLK. Flow control should be implemented in the higher layer protocols.
SPI/UART Transport Detection
The BT_HOST_WAKE (BT_GPIO1) pin is also used for BT transport detection. The transport detection occurs
during the power-up sequence. It selects either UART or SPI transport operation based on the following pin
state:
• If the BT_HOST_WAKE (BT_GPIO1) pin is pulled low by an external pull-down during power-up, it selects
the SPI transport interface.
• If the BT_HOST_WAKE (BT_GPIO1) pin is not pulled low externally during power-up, then the default
internal pull-up is detected as a high and it selects the UART transport interface.
Table 6: SPI to UART Signal Mapping
SPI Signals
UART Signals
SPI_CLK
UART_CTS_N
SPI_CSB
UART_RTS_N
SPI_MISO
UART_TXD
SPI_MOSI
UART_RXD
SPI_INT
BT_DEV_WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com