Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 19Page - Cypress Semiconductor BCM4354 Datasheet HTML 20Page - Cypress Semiconductor BCM4354 Datasheet HTML 21Page - Cypress Semiconductor BCM4354 Datasheet HTML 22Page - Cypress Semiconductor BCM4354 Datasheet HTML 23Page - Cypress Semiconductor BCM4354 Datasheet HTML 24Page - Cypress Semiconductor BCM4354 Datasheet HTML 25Page - Cypress Semiconductor BCM4354 Datasheet HTML 26Page - Cypress Semiconductor BCM4354 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
Power Supplies and Power Management
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 22
Section 2: Power Supplies and Power
Management
Power Supply Topology
One Buck regulator, multiple LDO regulators, and a power management unit (PMU) are integrated into the
BCM4354. All regulators are programmable via the PMU. These blocks simplify power supply design for
Bluetooth, WLAN, and FM functions in embedded designs.
A single VBAT (3.0V to 5.25V DC max.) and VIO supply (1.8V to 3.3V) can be used, with all additional voltages
being provided by the regulators in the BCM4354.
Two control signals, BT_REG_ON and WL_REG_ON, are used to power-up the regulators and take the
respective section out of reset. The CBUCK CLDO and LNLDO power up when any of the reset signals are
deasserted. All regulators are powered down only when both BT_REG_ON and WL_REG_ON are deasserted.
The CLDO and LNLDO may be turned off/on based on the dynamic demands of the digital baseband.
The BCM4354 allows for an extremely low power-consumption mode by completely shutting down the CBUCK,
CLDO, and LNLDO regulators. When in this state, LPLDO1 (which is a low-power linear regulator supplied by
the system VIO supply) provides the BCM4354 with all the voltages it requires, further reducing leakage
currents.
BCM4354 PMU Features
• VBAT to 1.35Vout (600 mA maximum) Core-Buck (CBUCK) switching regulator
• VBAT to 3.3Vout (600 mA maximum) LDO3P3
• VBAT to 3.3Vout (150 mA maximum) LDO3P3_B
• VBAT to 2.5V out (70 mA maximum) BTLDO2P5
• 1.35V to 1.2Vout (150 mA maximum) LNLDO
• 1.35V to 1.2Vout (300 mA maximum) CLDO with bypass mode for deep-sleep
• Additional internal LDOs (not externally accessible)
Figure 3 on page 23 illustrates the typical power topology for the BCM4354. The shaded areas are internal to
the BCM4354.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com