Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 28Page - Cypress Semiconductor BCM4354 Datasheet HTML 29Page - Cypress Semiconductor BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor BCM4354 Datasheet HTML 33Page - Cypress Semiconductor BCM4354 Datasheet HTML 34Page - Cypress Semiconductor BCM4354 Datasheet HTML 35Page - Cypress Semiconductor BCM4354 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
Bluetooth + FM Subsystem Overview
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 31
Section 4: Bluetooth + FM Subsystem
Overview
The Broadcom BCM4354 is a Bluetooth 4.1 + EDR-compliant, baseband processor/2.4 GHz transceiver with
an integrated FM/RDS/RBDS receiver. It features the highest level of integration and eliminates all critical
external components, thus minimizing the footprint, power consumption, and system cost of a Bluetooth plus
FM radio solution.
The BCM4354 is the optimal solution for any Bluetooth voice and/or data application that also requires an FM
radio receiver. The Bluetooth subsystem presents a standard Host Controller Interface (HCI) via a high-speed
UART and PCM for audio. The FM subsystem supports the HCI control interface, analog output, as well as I2S
and PCM interfaces. The BCM4354 incorporates all Bluetooth 4.1 features including Secure Simple Pairing,
Sniff Subrating, and Encryption Pause and Resume.
The BCM4354 Bluetooth radio transceiver provides enhanced radio performance to meet the most stringent
mobile phone temperature applications and the tightest integration into mobile handsets and portable devices.
It is fully compatible with any of the standard TCXO frequencies and provides full radio compatibility to operate
simultaneously with GPS, WLAN, and cellular radios.
The Bluetooth transmitter also features a Class 1 power amplifier with Class 2 capability.
Features
Major Bluetooth features of the BCM4354 include:
• Supports key features of upcoming Bluetooth standards
• Fully supports Bluetooth Core Specification version 4.1 + (Enhanced Data Rate) EDR features:
– Adaptive Frequency Hopping (AFH)
– Quality of Service (QoS)
– Extended Synchronous Connections (eSCO)—Voice Connections
– Fast Connect (interlaced page and inquiry scans)
– Secure Simple Pairing (SSP)
– Sniff Subrating (SSR)
– Encryption Pause Resume (EPR)
– Extended Inquiry Response (EIR)
– Link Supervision Timeout (LST)
• UART baud rates up to 4 Mbps
• Supports all Bluetooth 4.1 packet types
• Supports maximum Bluetooth data rates over HCI UART
• BT supports full-speed USB 2.0-compliant interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com