Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 20Page - Cypress Semiconductor BCM4354 Datasheet HTML 21Page - Cypress Semiconductor BCM4354 Datasheet HTML 22Page - Cypress Semiconductor BCM4354 Datasheet HTML 23Page - Cypress Semiconductor BCM4354 Datasheet HTML 24Page - Cypress Semiconductor BCM4354 Datasheet HTML 25Page - Cypress Semiconductor BCM4354 Datasheet HTML 26Page - Cypress Semiconductor BCM4354 Datasheet HTML 27Page - Cypress Semiconductor BCM4354 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 23
BCM4354 PMU Features
BROADCOM CONFIDENTIAL
BCM4354 Data Sheet
Figure 3: Typical Power Topology for the BCM4354
Internal LNLDO
WL RF – AFE
WL RF – TX (2.4 GHz, 5 GHz)
WL RF – LOGEN (2.4 GHz, 5 GHz)
WL RF – RX/LNA (2.4 GHz, 5 GHz)
WL RF – XTAL
WL RF – RFPLL PFD/MMD
BT RF/FM
BT CLASS 1 PA
WL PAD (2.4 GHz, 5 GHz)
VDDIO_RF
WL OTP 3.3V
WL RF – VCO
WL RF – CP
Internal LNLDO
Internal VCOLDO
Internal LNLDO
XTAL LDO
1.2V
1.2V
1.2V
1.2V
1.2V
LNLDO
Max 150 mA
HSIC/DFE/DFLL
PCIE PLL/RXTX
WLAN BBPLL/DFLL
WLAN/BT/CLB/Top, always on
WL OTP
WL PHY
WL DIGITAL
BT DIGITAL
WL/BT SRAMs
CLDO
Max 300 mA
(Bypass in deep
sleep)
1.2V– 1.1V
BTLDO2P5
Max 70 mA
2.5V
Internal LNLDO
Internal LNLDO
LDO3P3_B
Max 150 mA
3.3V
1.2V
1.35V
WL_REG_ON
BT_REG_ON
LPLDO1
3 mA
Core Buck
Regulator
CBUCK
Max 600 mA
1.1V
VDDIO
VBAT
WL RF-PA (2.4G, 5G)
LDO3P3
Max 600 mA
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com