Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 36Page - Cypress Semiconductor BCM4354 Datasheet HTML 37Page - Cypress Semiconductor BCM4354 Datasheet HTML 38Page - Cypress Semiconductor BCM4354 Datasheet HTML 39Page - Cypress Semiconductor BCM4354 Datasheet HTML 40Page - Cypress Semiconductor BCM4354 Datasheet HTML 41Page - Cypress Semiconductor BCM4354 Datasheet HTML 42Page - Cypress Semiconductor BCM4354 Datasheet HTML 43Page - Cypress Semiconductor BCM4354 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 192 page
background image
Bluetooth Power Management Unit
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 39
BBC Power Management
The following are low-power operations for the BBC:
• Physical layer packet-handling turns the RF on and off dynamically within transmit/receive packets.
• Bluetooth-specified low-power connection modes: sniff, hold, and park. While in these modes, the
BCM4354 runs on the low-power oscillator and wakes up after a predefined time period.
• A low-power shutdown feature allows the device to be turned off while the host and any other devices in the
system remain operational. When the BCM4354 is not needed in the system, the RF and core supplies are
shut down while the I/O remains powered. This allows the BCM4354 to effectively be off while keeping the
I/O pins powered so they do not draw extra current from any other devices connected to the I/O.
During the low-power shut-down state, provided VDDIO remains applied to the BCM4354, all outputs are
tristated, and most input signals are disabled. Input voltages must remain within the limits defined for normal
operation. This is done to prevent current paths or create loading on any digital signals in the system and
enables the BCM4354 to be fully integrated in an embedded device to take full advantage of the lowest
power-saving modes.
Two BCM4354 input signals are designed to be high-impedance inputs that do not load the driving signal
even if the chip does not have VDDIO power supplied to it: the frequency reference input (WRF_TCXO_IN)
and the 32.768 kHz input (LPO). When the BCM4354 is powered on from this state, it is the same as a
normal power-up, and the device does not contain any information about its state from the time before it was
powered down.
FM Power Management
The BCM4354 FM subsystem can operate independently of, or in tandem with, the Bluetooth RF and BBC
subsystems. The FM subsystem power management scheme operates in conjunction with the Bluetooth RF and
BBC subsystems. The FM block does not have a low power state, it is either on or off.
Wideband Speech
The BCM4354 provides support for wideband speech (WBS) using on-chip SmartAudio technology. The
BCM4354 can perform subband-codec (SBC), as well as mSBC, encoding and decoding of linear 16 bits at
16 kHz (256 Kbps rate) transferred over the PCM bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com