Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-16-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
UltraDMA-33 / 66 Enhanced IDE Interface (continued)
Signal Name
Pin #
I/O
Signal Description
PDCS1#
L18
O
Primary Master Chip Select. This signal corresponds to CS1FX#
on the primary IDE connector.
PDCS3#
L19
O
Primary Slave Chip Select. This signal corresponds to CS3FX# on
the primary IDE connector.
SDCS1#
U18
O
Secondary Master Chip Select.
This signal corresponds to
CS17X# on the secondary IDE connector.
SDCS3#
U19
O
Secondary Slave Chip Select. This signal corresponds to CS37X#
on the secondary IDE connector.
PDA[2-0]
M20, M18, M19
O
Primary Disk Address. PDA[2:0] are used to indicate which byte
in either the ATA command block or control block is being accessed.
SDA[2-0]
V20, V18, V19
O
Secondary Disk Address. SDA[2:0] are used to indicate which byte
in either the ATA command block or control block is being accessed.
PDD[15-0]
T17, R17, T18, T20,
P17, N16, R19, P18,
R18, R20, N17, P16,
T19, U20, R16, T16
IO
Primary Disk Data
SDD[15-0] / SA[15-0]
W18, V17, Y17, W16,
V15, Y15, W14, T15,
U15, U16, V14, W15,
Y16, V16, W17, Y18
IO
Secondary Disk Data (SPKR strap 4.7K ohms low) or
ISA Address (SPKR strap 4.7K ohms high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com