Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-59-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 46 - Miscellaneous Control 1.................................RW
7
PCI Master Write Wait States
0
0 Wait States ..........................................default
1
1 Wait State
6Gate INTR
0
Disable ...................................................default
1Enable
5
Flush Line Buffer for Int or DMA IOR Cycle
0
Disable ...................................................default
1Enable
4
Config Command Reg Rx04 Access (Test Only)
0
Normal: Bits 0-1=RO, Bit 3=RW..........default
1
Test Mode: Bits 0-1=RW, Bit-3=RO
3
Reserved (do not program)........................ default = 0
2
Reserved (no function) .............................. default = 0
1
PCI Burst Read Interruptability
0
Allow burst reads to be interrupted by ISA
master or DMA.......................................default
1Don’t allow PCI burst reads to be interrupted
0
Posted Memory Write Enable
0
Disable ...................................................default
1Enable
The Posted Memory Write function is automatically
enabled when Delay Transaction (see Rx47 bit-6) is
enabled, independent of the state of this bit.
Offset 47 - Miscellaneous Control 2 ................................ RW
7
CPU Reset Source
0
Use CPURST as CPU Reset .................. default
1
Use INIT as CPU Reset
6
PCI Delay Transaction Enable
0
Disable................................................... default
1Enable
The
"Posted
Memory
Write"
function
is
automatically enabled when this bit is enabled,
independent of the state of Rx46 bit-0.
5
EISA 4D0/4D1 Port Enable
0
Disable (ignore ports 4D0-1) ................. default
1
Enable (ports 4D0-1 per EISA specification)
4
Interrupt Controller Shadow Register Enable
0
Disable................................................... default
1
Enable (for test purposes, enable readback of
interrupt controller internal functions on I/O
reads from ports 20-21, A0-A1, A8-A9, and
C8-C9)
(Contact
VIA
Test
Engineering
department)
3
Reserved (always program to 0).............. default = 0
Note: Always mask this bit. This bit may read back
as either 0 or 1 but must always be
programmed with 0.
2
Write Delay Transaction Time-Out Timer
0
Disable................................................... default
1Enable
1
Read Delay Transaction Time-Out Timer
0
Disable................................................... default
1Enable
0
Software PCI Reset ...... write 1 to generate PCI reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com