Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-79-
Function 2 Registers - USB Controller Ports 0-1
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 42 - FIFO Control ..................................................RW
7-4
Reserved
........................................ always reads 0
3-2
Reserved (Do Not Program).................... default = 0
1-0
Release Continuous REQ After “N” PCICLKs
00 Do Not Release ........................................... def
01 N = 32 PCICLKs
10 N = 64 PCICLKs
11 N = 96 PCICLKs
Offset 60 - Serial Bus Release Number.............................RO
7-0
Release Number.............................. always reads 10h
Offset 83-80 – PM Capability............................................RO
31-0 PM Capability .................... always reads 00020001h
Offset 84 – PM Capability Status ....................................RW
7-0
PM Capability Status........................... default = 00h
Supports 00h (Off) and 11h (On) only
Offset C1-C0 - Legacy Support.........................................RO
15-0 UHCI v1.1 Compliant ................ always reads 2000h
USB I/O Registers
These registers are compliant with the UHCI v1.1 standard.
Refer to the UHCI v1.1 specification for further details.
I/O Offset 1-0 - USB Command
I/O Offset 3-2 - USB Status
I/O Offset 5-4 - USB Interrupt Enable
I/O Offset 7-6 - Frame Number
I/O Offset B-8 - Frame List Base Address
I/O Offset 0C - Start Of Frame Modify
I/O Offset 11-10 - Port 0 Status / Control
I/O Offset 13-12 - Port 1 Status / Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com