Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-84-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power Management-Specific PCI Configuration Registers
Offset 40 – General Configuration 0 ...............................RW
7
Thermal Alarm Source Select
0
From pin T11 (Function 0 Rx74[1] must be set
to define the pin as THRM#)..................default
1
From any of the three internal temperature
sensing circuits (see Rx43 and Rx44 of
Hardware Monitoring configuration space)
6
Sleep Button
0
Disable ...................................................default
1
Sleep Button is on IRQ6 pin (pin G1)
5
Debounce LID and PWRBTN# Inputs for 200us
0
Disable ...................................................default
1Enable
4
Reserved
........................................ always reads 0
3
Microsoft Sound Monitor in Audio Access
0
Disable ...................................................default
1Enable
2
Game Port Monitor in Audio Access
0
Disable ...................................................default
1Enable
1
SoundBlaster Monitor in Audio Access
0
Disable ...................................................default
1Enable
0
MIDI Monitor in Audio Access
0
Disable ...................................................default
1Enable
Offset 41 - General Configuration 1................................ RW
7
I/O Enable for ACPI I/O Base
0
Disable access to ACPI I/O block.......... default
1
Allow access to Power Management I/O
Register Block (see offset 4B-48 to set the
base address for this register block).
The
definitions of the registers in the Power
Management I/O Register Block are included
later in this document, following the Power
Management Subsystem overview.
6
ACPI Timer Reset
0
Normal Timer Operation ....................... default
1
Reset Timer
5-4
PMU Timer Test Mode (Do Not Program) ....def = 0
3
ACPI Timer Count Select
0
24-bit Timer........................................... default
1
32-bit Timer
2
RTC Enable Signal Gated with PSON (SUSC#) in
Soft-Off Mode
0
Disable................................................... default
1Enable
1
Clock Throttling Clock Selection
0
32 usec (512 usec cycle time) ................ default
1
1 msec (16 msec cycle time)
0
DEVSEL# Test Mode (Do Not Program).......def = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com