Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 79Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 80Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-77-
Function 2 Registers - USB Controller Ports 0-1
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 2 Registers - USB Controller Ports 0-1
This Universal Serial Bus host controller interface is fully
compatible with UHCI specification v1.1. There are two sets
of software accessible registers: PCI configuration registers
and USB I/O registers. The PCI configuration registers are
located in the function 2 PCI configuration space of the
VT8231. The USB I/O registers are defined in UHCI
specification v1.1. The registers in this function control USB
ports 0-1 (see function 3 for ports 2-3).
PCI Configuration Space Header
Offset 1-0 - Vendor ID .......................................................RO
0-7
Vendor ID
................. (1106h = VIA Technologies)
Offset 3-2 - Device ID.........................................................RO
0-7
Device ID
(3038h = VT8231 USB Controller)
Offset 5-4 - Command.......................................................RW
15-8 Reserved
........................................ always reads 0
7
Address Stepping ...................... default=0 (disabled)
6
Reserved (parity error response) ..................fixed at 0
5
Reserved (VGA palette snoop) ....................fixed at 0
4
Memory Write and Invalidate . default=0 (disabled)
3
Reserved (special cycle monitoring) ............fixed at 0
2Bus Master ............................... default=0 (disabled)
1
Memory Space........................... default=0 (disabled)
0
I/O Space
............................... default=0 (disabled)
Offset 7-6 - Status ...........................................................RWC
15
Reserved (detected parity error).......... always reads 0
14
Signalled System Error.............................. default=0
13
Received Master Abort.............................. default=0
12
Received Target Abort .............................. default=0
11
Signalled Target Abort .............................. default=0
10-9 DEVSEL# Timing
00 Fast
01 Medium ......................................default (fixed)
10 Slow
11 Reserved
8-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID (nnh) .............................................. RO
7-0
Silicon Revision Code (0 indicates first silicon)
06h Corresponds to Chip Revision D
Offset 9 - Programming Interface (00h) .......................... RO
Offset A - Sub Class Code (03h=USB Controller) .......... RO
Offset B - Base Class Code (0Ch=Serial Bus Controller)RO
Offset C – Cache Line Size (00h)...................................... RO
Offset D - Latency Timer ................................................. RW
7-0
Timer Value .......................................... default = 16h
Offset E - Header Type (00h)............................................ RO
Offset F - BIST (00h) ......................................................... RO
Offset 23-20 - USB I/O Register Base Address............... RW
31-16 Reserved
........................................ always reads 0
15-5 USB I/O Register Base Address. Port Address for
the base of the 32-byte USB I/O Register block,
corresponding to AD[15:5]
4-0
00001b
Offset 3C - Interrupt Line (00h)...................................... RW
7-4
Reserved
........................................ always reads 0
3-0
USB Interrupt Routing ........................ default = 16h
0000 Disabled ................................................. default
0001 IRQ1
0010 Reserved
0011 IRQ3
0100 IRQ4
0101 IRQ5
0110 IRQ6
0111 IRQ7
1000 IRQ8
1001 IRQ9
1010 IRQ10
1011 IRQ11
1100 IRQ12
1101 IRQ13
1110 IRQ14
1111 Disabled
Offset 3D - Interrupt Pin (04h)......................................... RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com