Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-63-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Distributed DMA / Serial IRQ Control
Offset 61-60 - Distributed DMA Ch 0 Base / Enable......RW
15-4 Channel 0 Base Address Bits 15-4 .......... default = 0
3
Channel 0 Enable
0
Disable ...................................................default
1Enable
2-0
Reserved
........................................ always reads 0
Offset 63-62 - Distributed DMA Ch 1 Base / Enable......RW
15-4 Channel 1 Base Address Bits 15-4 .......... default = 0
3
Channel 1 Enable
0
Disable ...................................................default
1Enable
2-0
Reserved
........................................ always reads 0
Offset 65-64 - Distributed DMA Ch 2 Base / Enable......RW
15-4 Channel 2 Base Address Bits 15-4 .......... default = 0
3
Channel 2 Enable
0
Disable ...................................................default
1Enable
2-0
Reserved
........................................ always reads 0
Offset 67-66 - Distributed DMA Ch 3 Base / Enable......RW
15-4 Channel 3 Base Address Bits 15-4 .......... default = 0
3
Channel 3 Enable
0
Disable ...................................................default
1Enable
2-0
Reserved
........................................ always reads 0
Offset 69-68 – Serial IRQ Control ...................................RW
15-4 Reserved
........................................ always reads 0
3
ISA IRQ Asserted Via Serial IRQ (Pin H3 or L4)
0
Disable ...................................................default
1Enable
2
Serial IRQ Mode
0
Continuous Mode ...................................default
1
Quiet Mode
1-0
Serial IRQ Start-Frame Width
00 4 PCI Clocks ..........................................default
01 6 PCI Clocks
10 8 PCI Clocks
11 10 PCI Clocks
The frame size is fixed at 21 PCI clocks.
Offset 6B-6A - Distributed DMA Ch 5 Base / Enable.... RW
15-4 Channel 5 Base Address Bits 15-4........... default = 0
3
Channel 5 Enable
0
Disable................................................... default
1Enable
2-0
Reserved
........................................ always reads 0
Offset 6D-6C - Distributed DMA Ch 6 Base / Enable ... RW
15-4 Channel 6 Base Address Bits 15-4........... default = 0
3
Channel 6 Enable
0
Disable................................................... default
1Enable
2-0
Reserved
........................................ always reads 0
Offset 6F-6E - Distributed DMA Ch 7 Base / Enable .... RW
15-4 Channel 7 Base Address Bits 15-4........... default = 0
3
Channel 7 Enable
0
Disable................................................... default
1Enable
2-0
Reserved
........................................ always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com