Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 96Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 97Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 99Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-91-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Hardware-Monitor-Specific Configuration Registers
Offset 71-70 – Hardware Monitor I/O Base ...................RW
15-7 I/O Base (128-byte I/O space) ................. default = 0
6-0
Fixed
.......................... always reads 0000001b
Offset 74 –Hardware Monitor Control ...........................RW
7-4
Reserved
........................................ always reads 0
3
Hardware Monitoring Interrupt
0
SMI
.....................................................default
1SCI
2-1
Reserved
........................................ always reads 0
0
Hardware Monitoring I/O Enable
0
Disable hardware monitor functions.......default
1
Enable hardware monitor functions
System Management Bus-Specific Configuration Registers
Offset 93-90 – SMBus I/O Base ....................................... RW
31-16 Reserved
........................................ always reads 0
15-4 I/O Base (16-byte I/O space)................ default = 00h
3-0
Fixed
................................ always reads 0001b
Offset D2 – SMBus Host Configuration ......................... RW
7-4
Reserved
........................................ always reads 0
3
SMBus Interrupt Select
0
SMI
.................................................... default
1SCI
2
Reserved
........................................ always reads 0
1SMBus IRQ
0
Disable................................................... default
1Enable
0
SMBus Host Controller Enable
0
Disable SMB controller functions ......... default
1
Enable SMB controller functions
Offset D3 – SMBus Host Slave Command...................... RW
7-0
SMBus Host Slave Command Code.......... default=0
Offset D4 – SMBus Slave Address for Port 1................. RW
7-0
SMBus Slave Address for Port 1............... default=0
Bit-0 must be set to 0 for proper operation
Offset D5 – SMBus Slave Address for Port 2................. RW
7-0
SMBus Slave Address for Port 2............... default=0
Bit-0 must be set to 0 for proper operation
Offset D6 – SMBus Revision ID ....................................... RO
7-0
SMBus Revision Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com