Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 77Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 78Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 79Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 80Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-74-
Function 1 Registers - Enhanced IDE Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 54 – UltraDMA FIFO Control..............................RW
7-5
Reserved
........................................ always reads 0
4
One Frame For Each PCI Request For IDE PCI
Master Cycles
0
Disabled ................................................default
1Enabled
3
Grant ISA While Sharing Bus with SA & IDE in
IDLE State
0
Enable.....................................................default
1
Disable
2
Change Drive to Clear All FIFO & Internal States
0
Disabled
1
Enabled...................................................default
1
Add Dummy FIFO Push After End of Transfer
0Enabled
1
Disabled .................................................default
This bit is normally set to 0 for effective handling of
transfer lengths that are not doubleword multiples
0
Complete DMA Cycle with Transfer Size Less
Than FIFO Size
0
Enabled...................................................default
1
Disabled
Offset 61-60 - Primary Sector Size .................................. RW
15-12 Reserved
........................................ always reads 0
11-0 Number of Bytes Per Sector ... def=200h (512 bytes)
Offset 69-68 - Secondary Sector Size .............................. RW
15-12 Reserved
........................................ always reads 0
11-0 Number of Bytes Per Sector ... def=200h (512 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com