Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-26-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power Management and External State Monitoring
Signal Name
Pin #
I/O
Signal Description
PME# / GPI6
U1
I / I
Power Management Event. (Rx74[1]=0) (1K PU to VCCS if not used)
EXTSMI# / GPI2
T4
IOD / I
External System Management Interrupt. When enabled to allow it, a
falling edge on this input causes an SMI# to be generated to the CPU to
enter SMI mode. (10K PU to VCCS if not used) (3.3V only)
SMBALRT# / GPI7
T2
I / I
SMB Alert (System Management Bus I/O space Rx08[3] = 1). When the
chip is enabled to allow it, assertion generates an IRQ or SMI or power
management event. (10K PU to VCCS if not used)
THRM / AOLGPI / GPI17
P3
I / I / I
Monitor Input - Thermal Alarm. (Rx74[1]=1) (1K PU to VCCS if not
used)
LID / GPI4
Y2
I / I
Monitor Input - Notebook Computer Display Lid Open / Closed.
Used by the Power Management subsystem to monitor the opening and
closing of the display lid of notebook computers. Can be used to detect
either low-to-high and/or high-to-low transitions to generate an SMI#. The
VT8231 performs a 200 usec debounce of this input if Function 4 Rx40[5]
is set to 1. (10K PU to VCCS if not used)
RING# / GPI3
U3
I / I
Monitor Input – Modem Ring. May be connected to external modem
circuitry to allow the system to be re-activated by a received phone call.
(10K PU to VCCS if not used)
BATLOW# / GPI5
T3
I / I
Monitor Input - Battery Low. (10K PU to VCCS if not used)
CPUMISS / GPI16
R5
I / I
Monitor Input - CPU Missing. Indicates whether the CPU is plugged in
correctly.
AOLGPI / GPI17 / THRM
P3
I / I / I
Monitor Input - Awake On LAN External Event.
INTRUDER# / GPI8
F3
I / I
Monitor Input – Chassis Intrusion.
RSMRST#
F5
I
Resume Reset. Resets the internal logic connected to the VCCS power
plane and also resets portions of the internal RTC logic.
SUSA# / GPO1 / strap
P1
O / O / I
Suspend Plane A Control (Rx74[7]=0 and Function 4 Rx54[2]=0).
Asserted during power management POS, STR, and STD suspend states.
Used to control the primary power plane. (10K PU to VCCS if not used)
SUSB# / GPO2
P2
O / O
Suspend Plane B Control (Rx74[7]=0 and Function 4 Rx54[3]=0).
Asserted during power management STR and STD suspend states. Used
to control the secondary power plane. (10K PU to VCCS if not used)
SUSC# / GPO
N3
O / O
Suspend Plane C Control.
Asserted during power management STD
suspend state. Used to control the tertiary power plane. Also connected to
ATX power-on circuitry.
SUSST1# / GPO3
N5
O / O
Suspend Status 1 (Func4 Rx54[4] = 1 for GPO3). Typically connected to
the North Bridge to provide information on host clock status. Asserted
when the system may stop the host clock, such as Stop Clock or during
POS, STR, or STD suspend states. Connect 10K PU to VCCS.
SUSCLK / GPO4
P4
O / O
Suspend Clock. 32.768 KHz output clock for use by the North Bridge
(e.g., Apollo MVP3 or MVP4) for DRAM refresh purposes.
Stopped
during Suspend-to-Disk and Soft-Off modes. Connect 10K PU to VCCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com