Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-5-
Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
OVERVIEW
The VT8231 South Bridge is a high integration, high performance, power-efficient, and high compatibility device that supports
Intel, AMD, and VIA / Cyrix based processor to PCI bus bridge functionality to make a complete Microsoft PC99-compliant PCI /
LPC system. The VT8231 includes standard intelligent peripheral controllers:
a) Master mode enhanced IDE controller with dual channel DMA engine and interlaced dual channel commands. Dedicated
FIFO coupled with scatter and gather master mode operation allows high performance transfers between PCI and IDE
devices. In addition to standard PIO and DMA mode operation, the VT8231 also supports the UltraDMA-33, 66, and 100
standards to allow reliable data transfer rates up to 100 MB/sec throughput. The IDE controller is SFF-8038i v1.0 and
Microsoft Windows-family compliant.
b) Integrated LAN Fast Ethernet controller (MAC) with Media Independent Interface (MII) to external PHY.
The LAN
controller operates at 1 / 10 / 100 Mbit/sec transfer rates using either full and half duplex operation and has separate 2Kbyte
FIFOs for receive and transmit of full ethernet packets. The internal high-performance PCI interface has scatter / gather and
bursting capability and can align bytes in the transmit data buffer to reduce CPU utilization. The LAN interface can perform
address filtering on physical, broadcast, and multicast packets. The interface can also be configured for system wake up on
link status change, receipt of magic packet, unicast physical address match on incoming packets, and predefined pattern
match in the incoming data.
c) LPC (Low Pin Count) interface for BIOS ROM plus optional conventional BIOS ROM support
d) Universal Serial Bus controller that is USB v1.1 and Universal HCI v1.1 compliant. The VT8231 includes the root hub with
four function ports with integrated physical layer transceivers. The USB controller allows hot plug and play and isochronous
peripherals to be inserted into the system with universal driver support. The controller also implements legacy keyboard and
mouse support so that legacy software can run transparently in a non-USB-aware operating system environment.
e) Keyboard controller with PS2 mouse support
f) Real Time Clock with 256 byte extended CMOS. In addition to standard RTC functionality, the integrated RTC also includes
the date alarm, century field, and other enhancements for compatibility with the ACPI standard.
g) Notebook-class power management functionality compliant with ACPI and legacy APM requirements. Multiple sleep states
(power-on suspend, suspend-to-DRAM, and suspend-to-Disk) are supported with hardware automatic wake-up. Additional
functionality includes event monitoring, CPU clock throttling and stop (Intel processor protocol), PCI bus clock stop control,
modular power, clock and leakage control, hardware-based and software-based event handling, general purpose I/O, chip
select and external SMI.
h) Hardware monitoring subsystem for managing system / motherboard voltage levels, temperatures, and fan speeds
i) Full System Management Bus (SMBus) interface with one master / slave port and one slave-only port
j) 16550-compatible serial I/O port with “Fast-IR” infrared communications port option.
k) Integrated PCI-mastering dual full-duplex direct-sound AC97-link-compatible sound system. Hardware soundblaster-pro and
hardware-assisted FM blocks are included for Windows DOS box and real-mode DOS compatibility. Loopback capability is
also implemented for directing mixed audio streams into USB and 1394 speakers for high quality digital audio.
l) Game port and MIDI port
m) Standard floppy disk drive interface
n) ECP/EPP-capable parallel port with floppy disk controller pinout option
o) Serial IRQ for docking and non-docking applications
p) Plug and Play controller that allows complete steerability of all PCI interrupts and internal interrupts to any interrupt channel.
One additional steerable interrupt channel is provided to allow plug and play and reconfigurability of on-board peripherals for
Windows family compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com