Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-1-
Features
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
VT8231
SOUTH BRIDGE
PC99 COMPLIANT
INTEGRATED SUPER-I/O (FDC, LPT, COM, AND FIR),
INTEGRATED FAST ETHERNET, LPC, ISA / LPC BIOS ROM,
INTEGRATED SOUNDBLASTER PRO / MULTICHANNEL
DIRECT SOUND AC97 AUDIO AND MC97 MODEM INTERFACE,
ULTRADMA-33/66/100 MASTER MODE EIDE CONTROLLER,
4 PORT USB CONTROLLER, KEYBOARD CONTROLLER, RTC,
SERIAL IRQ, SMBUS, SERIAL EEPROM,
PLUG AND PLAY, ACPI, ENHANCED POWER MANAGEMENT,
TEMPERATURE, VOLTAGE, AND FAN-SPEED MONITORING
• Inter-operable with VIA and other Host-to-PCI Bridges
− Combine with VT82C598 for a complete Super-7 (66 / 75 / 83 / 100MHz) AGP 2x system (Apollo MVP3)
− Combine with VT8501 for a complete Super-7 system with integrated 2D / 3D graphics (Apollo MVP4)
− Combine with VT82C694X for a complete 66 / 100 / 133 MHz Socket370 / Slot1 AGP 4x system (Apollo Pro133A)
− Combine with VT8601 for a complete 66 / 100 / 133 MHz Socket370 / Slot1 system with integrated 2D / 3D
graphics (Apollo ProMedia)
− Inter-operable with Intel or other Host-to-PCI bridges for a complete PC99 compliant PCI / AGP / LPC system
• Integrated Peripheral Controllers
− Integrated Fast Ethernet Controller with 1 / 10 / 100 Mbit capability
− Integrated USB Controller with two root hub and four function ports
− Dual channel UltraDMA-33 / 66 /100 master mode EIDE controller
− AC-link interface for AC-97 audio codec and modem codec
− HSP modem support
− Interface for optional external modem DSP
− Integrated SoundBlasterPro / DirectSound compatible digital audio controller
− LPC interface for Low Pin Count interface to Super-I/O or ROM
• Integrated Legacy Functions
− Integrated Keyboard Controller with PS2 mouse support
− Integrated DS12885-style Real Time Clock with extended 256 byte CMOS RAM and Day/Month Alarm for ACPI
− Integrated Bus Controller including DMA, timer, and interrupt controller
− Serial IRQ for docking and non-docking applications
− Flash EPROM, 32Mbit (4Mbyte) EPROM and combined BIOS support
− Fast reset and Gate A20 operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com