Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 77Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-68-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 88 – PLL Test .........................................................RW
7
PCS0# Access Status
6
RTC Rx32 / Rx7F Write Protect
0
Disable ...................................................default
1Enable
5
MC IRQ Test (Do Not Program)
0
Disable ...................................................default
1Enable
4
PLL PU (Do Not Program)
0
Disable ...................................................default
1Enable
3
PLL Test Mode (Do Not Program)
0
Disable ...................................................default
1Enable
2-0
PLL Test Mode Select
Offset 89 – PLL Control ...................................................RW
7-4
Reserved
........................................ always reads 0
3-2
PLL PCLK Input Delay Select
1-0
PLL CLK66 Feedback Delay Select
Offset 8A – PCS2/3 I/O Port Address Mask................... RW
7-4
PCS3# I/O Port Address Mask 3-0
3-0
PCS2# I/O Port Address Mask 3-0
Offset 8B – PCS Control .................................................. RW
7
PCS3# For Internal I/O
0
Disable................................................... default
1Enable
6
PCS2# For Internal I/O
0
Disable................................................... default
1Enable
5
PCS1# For Internal I/O
0
Disable................................................... default
1Enable
4
PCS0# For Internal I/O
0
Disable................................................... default
1Enable
3PCS3#
0
Disable................................................... default
1Enable
2PCS2#
0
Disable................................................... default
1Enable
1PCS1#
0
Disable................................................... default
1Enable
0PCS0#
0
Disable................................................... default
1Enable
Offset 8D-8C – PCS2# I/O Port Address ........................ RW
15-0 PCS2# I/O Port Address
Offset 8F-8E – PCS3# I/O Port Address......................... RW
15-0 PCS3# I/O Port Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com