Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-13-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Low Pin Count (LPC) Interface
Signal Name
Pin #
I/O
Signal Description
LFRAME#
W8
O
LPC Frame.
LDRQ# / ACSDIN3 / GPI15
Y8
I / I / I
LPC Data Request.
LAD[3-0]
V7, W7, Y7, V8
IO / IO
LPC Address / Data.
HREQ1# / SD8 / GPI10
Y11
I / IO
High Priority Request 1.
HGNT1# / SD9 / GPO8
W11
O / IO
High Priority Grant 1.
HREQ2# / SD10 / GPI11
V11
I / IO
High Priority Request 2.
HGNT2# / SD11 / GPO9
T10
O / IO
High Priority Grant 2.
LREQ1# / SD12 / GPI12
U10
I / IO
Low Priority Request 1.
LGNT1# / SD13 / GPO10
Y10
O / IO
Low Priority Grant 1.
LREQ2# / SD14 / GPI13
W10
I / IO
Low Priority Request 2.
LGNT2# / SD15 / GPO11
V10
O / IO
Low Priority Grant 2.
Note: Connect the LPC interface LPCRST# (LPC Reset) signal to PCIRST#
LAN Controller - Media Independent Interface (MII)
Signal Name
Pin #
I/O
Signal Description
MCOL / APICIRQ
G17
I / I
MII Collision Detect. From the external PHY.
MCRS / APICIRQ
G16
I / I
MII Carrier Sense.
Asserted by the external PHY when the
media is active.
MDCK
D17
O
MII Management Data Clock. Sent to the external PHY as a
timing reference for MDIO
MDIO
D18
IO
MII Management Data I/O. Read from the MDI bit or written to
the MDO bit.
MRXCLK / APICIRQ
E17
I / I
MII Receive Clock. 2.5 or 25 MHz clock recovered by the PHY.
MRXD[3],
MRXD[2],
MRXD[1],
MRXD[0] / APICIRQ
D19
D20
E18
E19
I
I
I
I / I
MII Receive Data.
Parallel receive data lines driven by the
external PHY synchronous with MRXCLK.
MRXDV / APICIRQ
E20
I / I
MII Receive Data Valid.
MRXERR / APICIRQ
F18
I / I
MII Receive Error. Asserted by the PHY when it detects a data
decoding error.
MTXCLK / APICIRQ
F16
I / I
MII Transmit Clock.
Always active 2.5 or 25 MHz clock
supplied by the PHY.
MTXD[3] / APICIRQ,
MTXD[2] / APICIRQ,
MTXD[1] / APICIRQ,
MTXD[0] / APICIRQ
G20
G19
G18
F20
O / I
O / I
O / I
O / I
MII Transmit Data. Parallel transmit data lines synchronized to
MTXCLK.
MTXENA / APICIRQ
F19
O / I
MII Transmit Enable. Indicates transmit active from the MII
port to the PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com