Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-57-
Function 0 Registers - PCI to ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 0 Registers - PCI to ISA Bridge
All registers are located in the function 0 PCI configuration
space of the VT8231. These registers are accessed through
PCI configuration mechanism #1 via I/O address CF8/CFC.
PCI Configuration Space Header
Offset 1-0 - Vendor ID = 1106h .........................................RO
Offset 3-2 - Device ID = 8231h ..........................................RO
Offset 5-4 - Command.......................................................RW
15-8 Reserved
........................................ always reads 0
7
Address / Data Stepping
0
Disable
1
Enable ....................................................default
6-4
Reserved
........................................ always reads 0
3
Special Cycle Enable ..... Normally RW†, default = 0
2Bus Master ........................................ always reads 1
1
Memory Space.................. Normally RO†, reads as 1
0
I/O Space
...................... Normally RO†, reads as 1
† If the test bit at offset 46 bit-4 is set, access to the above
indicated bits is reversed:
bit-3 above becomes read only
(reading back 1) and bits 0-1 above become read / write (with
a default of 1).
Offset 7-6 - Status ...........................................................RWC
15
Detected Parity Error .................... write one to clear
14
Signalled System Error...................... always reads 0
13
Signalled Master Abort ................. write one to clear
12
Received Target Abort .................. write one to clear
11
Signalled Target Abort .................. write one to clear
10-9 DEVSEL# Timing .................... fixed at 01 (medium)
8
Data Parity Detected.......................... always reads 0
7
Fast Back-to-Back.............................. always reads 0
6-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID = nn ................................................RO
7-0
Revision ID
Offset 9 - Program Interface = 00h...................................RO
Offset A - Sub Class Code = 01h .......................................RO
Offset B - Class Code = 06h ...............................................RO
Offset E - Header Type = 80h............................................RO
7-0
Header Type Code .........80h (Multifunction Device)
Offset F - BIST = 00h .........................................................RO
Offset 2F-2C - Subsystem ID .............................................RO
Use offset 70-73 to change the value returned.
ISA Bus Control
Offset 40 - ISA Bus Control ............................................. RW
7
ISA Command Delay
0
Normal ................................................... default
1Extra
6
Extended ISA Bus Ready
0
Disable................................................... default
1Enable
5
ISA Slave Wait States
0
4 Wait States.......................................... default
1
5 Wait States
4
Chipset I/O Wait States
0
2 Wait States.......................................... default
1
4 Wait States
3
I/O Recovery Time
0
Disable................................................... default
1Enable
2
Extend-ALE
0
Disable................................................... default
1Enable
1ROM Wait States
0
1 Wait State ........................................... default
1
0 Wait States
0ROM Write
0
Disable................................................... default
1Enable
Offset 41 - ISA Test Mode................................................ RW
7
Bus Refresh Arbitration (do not program) default=0
6
XRDY Test Mode (do not program) ........... default=0
5
Port 92 Fast Reset
0
Disable................................................... default
1Enable
4
A20G Emulation (do not program) ............. default=0
3
Double DMA Clock
0
Disable (DMA Clock = ½ ISA Clock)... default
1
Enable (DMA Clock = ISA Clock)
2
SHOLD Lock During INTA (do not program) def=0
1
Refresh Request Test Mode (do not program).def=0
0
ISA Refresh
0
Disable................................................... default
1Enable
This bit should be set to 1 for ISA compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com