Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-11-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
CPU Interface
Signal Name
Pin #
I/O
Signal Description
CPURST
U4
OD
CPU Reset. The VT8231 asserts CPURST to reset the CPU during
power-up.
INTR
R6
OD
CPU Interrupt. INTR is driven by the VT8231 to signal the CPU that
an interrupt request is pending and needs service.
NMI
T5
OD
Non-Maskable Interrupt.
NMI is used to force a non-maskable
interrupt to the CPU.
The VT8231 generates an NMI when either
SERR# or IOCHK# is asserted.
INIT
V5
OD
Initialization.
The VT8231 asserts INIT if it detects a shut-down
special cycle on the PCI bus or if a soft reset is initiated by the register
STPCLK#
V6
OD
Stop Clock.
STPCLK# is asserted by the VT8231 to the CPU to
throttle the processor clock.
SMI#
Y5
OD
System Management Interrupt. SMI# is asserted by the VT8231 to
the CPU in response to different Power-Management events.
FERR#
U5
I
Numerical Coprocessor Error. This signal is tied to the coprocessor
error signal on the CPU. Internally generates interrupt 13 if active.
IGNNE#
T6
OD
Ignore Numeric Error. This pin is connected to the “ignore error” pin
on the CPU.
SLP# / GPO7
U6
OD
Sleep (Rx75[7] = 0). Used to put the CPU to sleep. Used with slot-1
CPUs only. Not currently used with socket-7 CPUs.
A20M#
W5
OD
A20 Mask. Connect to A20 mask input of the CPU to control address
bit-20 generation. Logical combination of the A20GATE input (from
internal or external keyboard controller) and Port 92 bit-1 (Fast_A20).
DTD+
L2
Analog I
CPU DTD (Thermal Diode) Channel Plus. Connect to cathode of first
external temperature sensing diode.
DTD-
L3
Analog I
CPU DTD (Thermal Diode) Channel Minus. Connect to anode of
first external temperature sensing diode.
Note: Connect each of the above signals to 4.7K
Ω pullup resistors to VCC3.
Strap Options
Signal Name
Pin #
I/O
Signal Description
Strap / SUSA#
P1
I / O
CPURST / INIT Polarity
H:
L:
Strap / MCCS#
W6
I / O
CPU Frequency Strapping
H: Disable
L: Enable
Strap / PCS0#
Y6
I / O
SD Bus Width
H: 16-Bit
L: 8-Bit
Strap / SA16
Y14
I / IO
BIO ROM Interface
H: LPC
L: Conventional
Strap / SA17
T13
I / IO
Auto Reboot
H: Disable
L: Enable
Strap / KBCS# / ROMCS#
T9
I / O / O
CPU Type
4.7K to GND = Socket-7, 4.7K to VCC3 = Socket-370 / Slot-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com