Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-39-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Func 5 I/O Base 0 Regs – Audio Scatter-Gather DMA
Offset SGD I/O Registers (DSXn: n=1-3)
Default
Acc
n0
SGD DXSn Read Channel Status
00
WC
n1
SGD DXSn Read Channel Control
00
RW
n2
SGD DXSn Read Chan Left Volume
00
RW
n3
SGD DXSn Read Chan Right Volume
00
RW
n7-n4 SGD DXSn Read Ch Table Ptr Base
SGD DXSn Read Ch Current Address
0000 0000 WR
RD
nB-n8 SGD DXSn Read Channel Format
0000 0000 RO
nF-nC SGD DXSn Read Chan Index / Count 0000 0000 RO
40
SGD 3D Channel Status
00
WC
41
SGD 3D Channel Control
00
RW
42
SGD 3D Channel Format
00
RW
43
SGD 3D Channel Scratch
00
RW
47-44 SGD 3D Channel Table Ptr Base
SGD 3D Channel Current Address
0000 0000 WR
RD
4B-48 SGD 3D Channel Slot Select
0000 0000 RW
4F-4C SGD 3D Channel Index / Count
0000 0000 RO
50
SGD FM Channel Status
00
WC
51
SGD FM Channel Control
00
RW
52
SGD FM Channel Type
00
RW
53
-reserved-
00
—
57-54 SGD FM Channel Table Pointer Base
SGD FM Channel Current Address
0000 0000 WR
RD
58-5B -reserved-
00
—
5F-5C SGD FM Channel Current Count
0000 0000 RO
60
SGD Write Channel 0 Status
00
WC
61
SGD Write Channel 0 Control
00
RW
62
SGD Write Channel 0 Format
00
RW
63
-reserved-
00
—
67-64 SGD Write Channel 0 Table Ptr Base
SGD Write Channel 0 Current Addr
0000 0000 WR
RD
68-6B -reserved-
00
—
6F-6C SGD Write Channel 0 Current Count
0000 0000 RO
70
SGD Write Channel 1 Status
00
WC
71
SGD Write Channel 1 Control
00
RW
72
SGD Write Channel 1 Format
00
RW
73
-reserved-
00
—
77-74 SGD Write Channel 1 Table Ptr Base
SGD Write Channel 1 Current Addr
0000 0000 WR
RD
78-7B -reserved-
00
—
7F-7C SGD Write Channel 1 Current Count
0000 0000 RO
Offset AC97 Controller I/O Registers
Default
Acc
80-DF -reserved-
00
—
E3-E0 AC97 Controller Command / Status
0000 0000 RW
E4-EF -reserved-
00
—
F3-F0 SGD Status Shadow
0000 0000 RO
F4-FF -reserved-
00
—
The above registers are accessable through function 5 only.
Function 5 I/O Base 1 Registers – FM NMI Status
Offset FM NMI Status Registers
Default
Acc
0FM NMI Status
00
RO
1
FM NMI Data
00
RO
2
FM NMI Index
00
RO
3
Reserved
00
—
The above registers are accessable through function 5 only.
Function 5 I/O Base 2 Registers – MIDI / Game Port
Offset FM NMI Status Registers
Default
Acc
1-0
MIDI Port Base
0330
RW
3-2
Game Port Base
0200
RW
The above registers are accessable through function 5 only.
Func 6 I/O Base 0 Regs – Modem Scatter Gather DMA
Offset MC97 SGD I/O Registers
Default
Acc
0
SGD Modem Read Channel Status
00
WC
1
SGD Modem Read Channel Control
00
RW
2
SGD Modem Read Channel Type
00
RW
3
-reserved-
00
—
7-4
SGD Modem Read Ch Table Ptr Base
SGD Modem Read Ch Current Addr
0000 0000 WR
RD
8-B
-reserved-
00
—
F-C
SGD Modem Read Ch Current Count 0000 0000 RO
10
SGD Modem Write Channel Status
00
WC
11
SGD Modem Write Channel Control
00
RW
12
SGD Modem Write Channel Type
00
RW
13
-reserved-
00
—
17-14 SGD Modem Wr Ch Table Ptr Base
SGD Modem Wr Ch Current Address
0000 0000 WR
RD
18-1B -reserved-
00
—
1F-1C SGD Modem Write Ch Current Count 0000 0000 RO
Offset Modem Codec I/O Registers
Default
Acc
23-20 Modem Codec Command / Status
0000 0000 RW
24-2F -reserved-
00
—
33-30 Codec GPI Interrupt Status / GPIO
0000 0000 WC
37-34 Codec GPI Interrupt Enable
0000 0000 RW
38-FF Reserved
00
—
The above registers are accessable through function 6 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com