Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-34-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
PCI Function 2 Registers – USB Controller Ports 0-1
Configuration Space USB Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3038
RO
5-4
Command
0000
RW
7-6
Status
0200
WC
8
Revision ID
nn
RO
9
Programming Interface
00
RO
A
Sub Class Code
03
RO
B
Base Class Code
0C
RO
C
Cache Line Size
00
RO
D
Latency Timer
16
RW
E
Header Type
00
RO
FBIST
00
RO
10-1F -reserved-
00
—
23-20 USB I/O Register Base Address
00000301 RW
24-3B -reserved-
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
04
RO
3E-3F -reserved-
00
—
Configuration Space USB-Specific Registers
Offset USB Control
Default
Acc
40
USB Miscellaneous Control 1
00
RW
41
USB Miscellaneous Control 2
10
RW
42
USB FIFO Control
00
RW
43
-reserved-
00
RO
44-45 -reserved- (test, do not program)
RW
46-47 -reserved- (test)
RO
48-5F -reserved-
00
—
60
USB Serial Bus Release Number
10
RO
61-7F -reserved-
00
—
83-80 PM Capability
0002 0001 RO
84
PM Capability Status
00
RW
85-BF -reserved-
00
—
C1-C0 USB Legacy Support
2000
RW
C2-FF -reserved-
00
—
I/O Registers – USB Controller
Offset USB I/O Registers
Default
Acc
1-0
USB Command
0000
RW
3-2
USB Status
0000
WC
5-4
USB Interrupt Enable
0000
RW
7-6
Frame Number
0000
RW
B-8
Frame List Base Address
00000000 RW
C
Start Of Frame Modify
40
RW
11-10 Port 0 Status / Control
0080
WC
13-12 Port 1 Status / Control
0080
WC
14-1F -reserved-
00
—
PCI Function 3 Registers – USB Controller Ports 2-3
Configuration Space USB Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3038
RO
5-4
Command
0000
RW
7-6
Status
0200
WC
8
Revision ID
nn
RO
9
Programming Interface
00
RO
A
Sub Class Code
03
RO
B
Base Class Code
0C
RO
C
Cache Line Size
00
RO
D
Latency Timer
16
RW
E
Header Type
00
RO
FBIST
00
RO
10-1F -reserved-
00
—
23-20 USB I/O Register Base Address
00000301 RW
24-3B -reserved-
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
04
RO
3E-3F -reserved-
00
—
Configuration Space USB-Specific Registers
Offset USB Control
Default
Acc
40
USB Miscellaneous Control 1
00
RW
41
USB Miscellaneous Control 2
10
RW
42
USB FIFO Control
00
RW
43
-reserved-
00
RO
44-45 -reserved- (test only, do not program)
RW
46-47 -reserved- (test)
RO
48-5F -reserved-
00
—
60
USB Serial Bus Release Number
10
RO
61-7F -reserved-
00
—
83-80 PM Capability
0002 0001 RO
84
PM Capability Status
00
RW
85-BF -reserved-
00
—
C1-C0 USB Legacy Support
2000
RW
C2-FF -reserved-
00
—
I/O Registers - USB Controller
Offset USB I/O Registers
Default
Acc
1-0
USB Command
0000
RW
3-2
USB Status
0000
WC
5-4
USB Interrupt Enable
0000
RW
7-6
Frame Number
0000
RW
B-8
Frame List Base Address
00000000 RW
C
Start Of Frame Modify
40
RW
11-10 Port 2 Status / Control
0080
WC
13-12 Port 3 Status / Control
0080
WC
14-1F -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com