Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-31-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Super-I/O Configuration Registers (I/O Space)
Port
Super-I/O Configuration Registers
Default Acc
3F0
Super-I/O Config Index (Rx85[1]=1)
00
RW
3F1
Super-I/O Config Data (Rx85[1]=1)
00
RW
Super-I/O Config Registers (Indexed via Port 3F0/1)
Offset Super-I/O Control
Default
Acc
00-DF -reserved-
00
RO
E0
Super-I/O Device ID
3C
RW
E1
Super-I/O Device Revision
00
RW
E2
Function Select
00
RW
E3
Floppy Ctrlr Base Addr (def = 3F0-7)
FC
RW
E4-E5 -reserved-
00
RO
E6
Parallel Port Base Addr (def = 378-F)
DE
RW
E7
Serial Port 1 Base Addr (def = 3F8-F)
FE
RW
E8
Serial Port 2 Base Addr (def = 2F8-F)
BE
RW
E9-ED -reserved-
00
RO
EE
Serial Port Configuration
00
RW
EF
Power Down Control
00
RW
F0
Parallel Port Control
00
RW
F1
Serial Port Control
00
RW
F2
Test Mode (Do Not Program)
00
RW
F3
-reserved-
00
RO
F4
Test Mode (Do Not Program) 2
00
RW
F5
-reserved-
00
RO
F6
Floppy Controller Configuration
00
RW
F7
-reserved-
00
RO
F8
Floppy Controller Drive Select
00
RW
F9-FB -reserved-
00
RO
FC
General Purpose I/O
00
RW
FD-FF -reserved-
00
RO
Super-I/O I/O Ports
Offset Floppy Disk Controller (3F0-3F7)
Default Acc
00-01 -reserved-
00
--
02
FDC Command
--
RW
03
-reserved-
00
--
04
FDC Main Status
--
RO
04
FDC Data Rate Select
00
WO
05
FDC Data
--
RW
06
-reserved-
00
--
07
Diskchange Status
--
RO
07
FDC Configuration Control
00
WO
Offset Parallel Port (378-37F typical)
Default Acc
00
Parallel Port Data
--
RW
01
Parallel Port Status
--
RO
02
Parallel Port Control
E0
RW
03
EPP Address
RW
04
EPP Data Port 0
RW
05
EPP Data Port 1
RW
06
EPP Data Port 2
RW
07
EPP Data Port 3
RW
400h
ECP Data / Configuration A
RW
401h
ECP Configuration B
RW
402h
ECP Extended Control
RW
Offset Serial Port 1 (COM1=3F8, 3=3E8)
Default Acc
0
Transmit (Wr) / Receive (Rd) Buffer
RW
1
Interrupt Enable
RW
2
FIFO Control
WO
2
Interrupt Status
RO
3UART Control
RW
4
Handshake Control
RW
5UART Status
RW
6
Handshake Status
RW
7
Scratchpad
RW
9-8
Baud Rate Generator Divisor
RW
A-F
-undefined-
--
Offset Serial Port 2 (COM2=2F8, 4=2E8)
Default Acc
0
Transmit (Wr) / Receive (Rd) Buffer
RW
1
Interrupt Enable
RW
2
FIFO Control
WO
2
Interrupt Status
RO
3UART Control
RW
4
Handshake Control
RW
5UART Status
RW
6
Handshake Status
RW
7
Scratchpad
RW
9-8
Baud Rate Generator Divisor
RW
A-F
-undefined-
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com