Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-3-
Features
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
• SoundBlaster Pro Hardware and Direct Sound Ready AC97 Digital Audio Controller
− Up to six concurrent AC97 output channels for six-speaker surround sound experience
− Multiple Direct Sound channels between system memory and AC97 link
10 Direct Sound output channels
4 Direct Sound input channels
8-channel hardware sample-rate-converter / mixer
1 Surround Sound channel of up to six data streams
− PCI bus master interface with scatter / gather and bursting capability
− 32 byte FIFO for each direct sound channel
− Host based wave table synthesis
− Standard v1.03 or v2.1 AC97 Codec interface with up to four AC97 codec’s from multiple vendors
− Loopback capability for re-directing mixed audio streams into USB and 1394 speakers
− Hardware SoundBlaster Pro for legacy compatibility
− Plug and play with 4 IRQ, 4 DMA, and 4 I/O space options for SoundBlaster Pro and MIDI hardware
− Hardware assisted FM synthesis for legacy compatibility
− Direct two game ports and one MIDI port interface
− Complete software driver support for Windows-95 / 98 / 2000 and Windows-NT
• MC97 HSP Modem Controller
− PCI bus master interface with scatter / gather and burst capability
− Standard AC97 codec interface for MC or AMC codec
− Wake on ring in APM or ACPI mode through AC97 link
− Supported by most HSP modem vendors
• Universal Serial Bus Controller
− USB v.1.1 and Intel Universal HCI v.1.1 compatible
− Eighteen level (doublewords) data FIFO with full scatter and gather capability
− Root hub and four function ports
− Integrated physical layer transceivers with optional over-current detection status on USB inputs
− Legacy keyboard and PS/2 mouse support
• System Management Bus Interface
− One master / slave SMBus and one slave-only SMBus
− Host interface for processor communications
− Slave interface for external SMBus masters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com