Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-40-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Registers – SoundBlaster Pro
Offset SB Pro Registers (220 or 240h typ)
Default Acc
0
FM Left Channel Index / Status
RW
1
FM Left Channel Data
WO
2
FM Right Channel Index / Status
RW
3
FM Right Channel Data
WO
4Mixer Index
WO
5
Mixer Data
RW
6
Sound Processor Reset
WO
7
-reserved-
00
--
8
FM Index / Status (Both Channels)
RW
9
FM Data (Both Channels)
WO
A
Sound Processor Data
RO
B
-reserved-
00
--
C
Sound Processor Command / Data
Sound Processor Buffer Status
WR
RD
D
-reserved-
00
--
E
Snd Processor Data Available Status
RO
F
-reserved-
00
--
Port
SB Pro Regs (same as offsets 8 & 9)
Default Acc
388h
FM Index / Status
RW
389h
FM Data
WO
The above group of registers emulates the “FM”, “Mixer”, and
“Sound Processor” functions of the SoundBlaster Pro.
I/O Registers – Game Port
Offset Game Port (200-20F typical)
Default Acc
0
-reserved-
00
--
1
Game Port Status
RO
1Start One-Shot
WO
2-F
-reserved-
00
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com