Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-54-
Register Descriptions - Super-I/O I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
SoundBlaster Pro Port Registers
These registers are located at offsets from “SBPBase” (defined
in Rx43 of Audio Function 5 PCI configuration space).
SBPBase is typically set to allow these ports to be accessed at
the standard SoundBlaster Pro port address of 220h or 240h.
FM Registers
Port SBPBase+0 – FM Left Channel Index / Status.......RW
7-0
FM Right Channel Index / Status
Port SBPBase+1 – FM Left Channel Data..................... WO
7-0
Right Channel FM Data
Port SBPBase+2 – FM Right Channel Index / Status ....RW
7-0
FM Right Channel Index / Status
Port SBPBase+3 – FM Right Channel Data .................. WO
7-0
Right Channel FM Data
Port 388h or SBPBase+8 – FM Index / Status ................RW
7-0
FM Index / Status (Both Channels)
Writing to this port programs both the left and right channels
(the write programms port offsets 0 and 2 as well)
Port 389h or SBPBase+9 – FM Data .............................. WO
7-0
FM Data (Both Channels)
Writing to this port programs both the left and right channels
(the write programms port offsets 1 and 3 as well)
Mixer Registers
Port SBPBase+4 – Mixer Index....................................... WO
7-0
Mixer Index
Port SBPBase+5 – Mixer Data .........................................RW
7-0
Mixer Data
Sound Processor Registers
Port SBPBase+6 – Sound Processor Reset ..................... WO
0
1 = Sound Processor Reset
Port SBPBase+A – Sound Processor Read Data .............RO
7-0
Sound Processor Read Data
Port SBPBase+C – Sound Processor Command / Data WO
7-0
Sound Processor Command / Write Data
Port SBPBase+C – Sound Processor Buffer Status.........RO
7
1 = Sound Processor Command / Data Port Busy
Port SBPBase+E – Sound Processor Data Avail Status..RO
7
1 = Sound Processor Data Available
Register Summary - FM
Index Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0
01
Test
02
Fast Counter (80 usec)
03
Slow Counter (320 usec)
04
IRQ
MFC MSC
SSSC SSFC
08
CSM
SEL
20-35
AM
VIB
EGT
KSR
Multi
40-55
KSL
Total Level (TL)
60-75
Attack Rate (AR)
Decay Rate (DR)
80-95
Sustain Level (SL)
Release Rate (RR)
A0-A8
F-Number
B0-B8
Key
Block
F-Number
BD
Int AM VIB
Ryth
Bass Snare Tom
Cym HiHat
C0-C8
Feedback
FM
E0-F5
WS
MFC=Mask Fast Counter
SSFC=Start / Stop Fast Counter
MSC=Mask Slow Counter
SSSC=Start / Stop Slow Counter
Register Summary – Mixer
Index Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0
00
Data Reset
02
SP Volume L
SP Volume R
0A
Mic Vol
0C
Finp
TFIL
Select
0E
Fout
ST
22
General Volume
General Volume
26
FM Volume L
FM Volume R
28
CD Volume L
CD Volume R
2E
Line Volume L
Line Volume R
Finp = Input Filter
Fout = Output Filter
TFIL = Input Filter Type
ST = Stereo / Mono Mode
Select = Input Choices (0=Microphone, 1=CD, 3=Line)
Command Summary – Sound Processor (see next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com