Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-43-
Register Descriptions - Legacy I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Port 64 - Keyboard / Mouse Command.......................... WO
This port is used to send commands to the keyboard / mouse
controller. The command codes recognized by the VT8231
are listed n the table below.
Note: The VT8231 Keyboard Controller is compatible with
the VIA VT82C42 Industry-Standard Keyboard Controller
except that due to its integrated nature, many of the input and
output port pins are not available externally for use as general
purpose I/O pins (even though P13-P16 are set on power-up as
strapping options). In other words, many of the commands
below are provided and “work”, but otherwise perform no
useful function (e.g., commands that set P12-P17 high or low).
Also note that setting P10-11, P22-23, P26-27, and T0-1 high
or low directly serves no useful purpose, since these bits are
used to implement the keyboard and mouse ports and are
directly controlled by keyboard controller logic.
Table 4. Keyboard Controller Command Codes
Code
Keyboard Command Code Description
20h
Read Control Byte (next byte is Control Byte)
21-3Fh
Read SRAM Data (next byte is Data Byte)
60h
Write Control Byte (next byte is Control Byte)
61-7Fh
Write SRAM Data (next byte is Data Byte)
9xh
Write low nibble (bits 0-3) to P10-P13
A1h
Output Keyboard Controller Version #
A4h
Test if Password is installed
(always returns F1h to indicate not installed)
A7h
Disable Mouse Interface
A8h
Enable Mouse Interface
A9h
Mouse Interface Test (puts test results in port 60h)
(value: 0=OK, 1=clk stuck low, 2=clk stuck high,
3=data stuck lo, 4=data stuck hi, FF=general error)
AAh
KBC self test (returns 55h if OK, FCh if not)
ABh
Keyboard Interface Test (see A9h Mouse Test)
ADh
Disable Keyboard Interface
AEh
Enable Keyboard Interface
AFh
Return Version #
B0h
Set P10 low
B1h
Set P11 low
B2h
Set P12 low
B3h
Set P13 low
B4h
Set P22 low
B5h
Set P23 low
B6h
Set P14 low
B7h
Set P15 low
B8h
Set P10 high
B9h
Set P11 high
BAh
Set P12 high
BBh
Set P13 high
BCh
Set P22 high
BDh
Set P23 high
BEh
Set P14 high
BFh
Set P15 high
Code
Keyboard Command Code Description
C0h
Read input port (read P10-17 input data to
the output buffer)
C1h
Poll input port low (read input data on P11-13
repeatably & put in bits 5-7 of status
C2h
Poll input port high (same except P15-17)
C8h
Unblock P22-23 (use before D1 to change
active mode)
C9h
Reblock P22-23 (protection mechanism for D1)
CAh
Read mode (output KBC mode info to port 60
output buffer (bit-0=0 if ISA, 1 if PS/2)
D0h
Read Output Port (copy P10-17 output port values
to port 60)
D1h
Write Output Port (data byte following is written to
keyboard output port as if it came from keyboard)
D2h
Write Keyboard Output Buffer & clear status bit-5
(write following byte to keyboard)
D3h
Write Mouse Output Buffer & set status bit-5 (write
following byte to mouse; put value in mouse input
buffer so it appears to have come from the mouse)
D4h
Write Mouse (write following byte to mouse)
E0h
Read test inputs (T0-1 read to bits 0-1 of resp byte)
Exh
Set P23-P21 per command bits 3-1
Fxh
Pulse P23-P20 low for 6usec per command bits 3-0
All other codes not listed are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com