Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-50-
Register Descriptions - Super-I/O I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Super-I/O I/O Ports
Floppy Disk Controller Registers
These registers are located at I/O ports which are offsets from
“FDCBase” (index C3h of the Super-I/O configuration
registers). FDCBase is typically set to allow these ports to be
accessed at the standard floppy disk controller address range
of 3F0-3F7h.
Port FDCBase+2 – FDC Command .................................RW
7
Motor 3 (unused in VT8231: no MTR3# pin)
6
Motor 2 (unused in VT8231: no MTR2# pin)
5
Motor 1
0
Motor Off
1
Motor On
4
Motor 0
0
Motor Off
1
Motor On
3
DMA and IRQ Channels
0
Disabled
1Enabled
2
FDC Reset
0
Execute FDC Reset
1FDC Enabled
1-0
Drive Select
00 Select Drive 0
01 Select Drive 1
1x -reserved-
Port FDCBase+4 – FDC Main Status...............................RO
7
Main Request
0
Data register not ready
1
Data register ready
6
Data Input / Output
0
CPU => FDC
1
FDC => CPU
5
Non-DMA Mode
0
FDC in DMA mode
1
FDC not in DMA mode
4
FDC Busy
0
FDC inactive
1
FDC active
3-2
Reserved
........................................ always reads 0
1
Drive 1 Active
0
Drive inactive
1
Drive performing a positioning change
0
Drive 0 Active
0
Drive inactive
1
Drive performing a positioning change
Port FDCBase+4 – FDC Data Rate Select ...................... WO
Port FDCBase+5 – FDC Data.......................................... RW
Port FDCBase+7 – FDC Disk Change Status.................. RO
7
Disk Change
0
Floppy not changed
1
Floppy changed since last instruction
6-3
Undefined
......................................... always read 1
2-1
Data Rate
00 500 Kbit/sec (1.2MB 5” or 1.44 MB 3” drive)
01 300 Kbit/sec (360KB 5” drive)
10 250 Kbit/sec (720KB 3” drive)
11 1 Mbit/sec
0
High Density Rate
0
500 Kbit/sec or 1 Mbit/sec selected
1
250 Kbit/set or 300 Kbit/sec selected
Port FDCBase+7 – FDC Configuration Control............ WO
7-2
Undefined
......................................... always read 1
1-0
Data Rate
00 500 Kbit/sec (1.2MB 5” or 1.44 MB 3” drive)
01 300 Kbit/sec (360KB 5” drive)
10 250 Kbit/sec (720KB 3” drive)
11 1 Mbit/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com