Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-83-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 4 Regs - Power Management, SMBus and HWM
This section describes the ACPI (Advanced Configuration and
Power Interface) Power Management system of the VT8231
which includes a System Management Bus (SMBus) interface
controller and Hardware Monitoring (HWM) subsystem. The
power management system of the VT8231 supports both ACPI
and legacy power management functions and is compatible
with the APM v1.2 and ACPI v1.0 specifications.
PCI Configuration Space Header
Offset 1-0 - Vendor ID .......................................................RO
0-7
Vendor ID
................. (1106h = VIA Technologies)
Offset 3-2 - Device ID.........................................................RO
0-7
Device ID
................ (3057h = ACPI Power Mgmt)
Offset 5-4 - Command.......................................................RW
15-8 Reserved
........................................ always reads 0
7
Address Stepping ........................................fixed at 0
6
Reserved (parity error response) ..................fixed at 0
5
Reserved (VGA palette snoop) ....................fixed at 0
4
Memory Write and Invalidate ...................fixed at 0
3
Reserved (special cycle monitoring) ............fixed at 0
2Bus Master .................................................fixed at 0
1
Memory Space.............................................fixed at 0
0
I/O Space
.................................................fixed at 0
Offset 7-6 - Status ...........................................................RWC
15
Detected Parity Error ........................ always reads 0
14
Signalled System Error...................... always reads 0
13
Received Master Abort...................... always reads 0
12
Received Target Abort ...................... always reads 0
11
Signalled Target Abort ...................... always reads 0
10-9 DEVSEL# Timing
00 Fast
01 Medium .....................................default (fixed)
10 Slow
11 Reserved
8
Data Parity Detected.......................... always reads 0
7
Fast Back to Back Capable ............... always reads 1
6-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID (nnh) .............................................. RO
7-0
Silicon Revision Code
Offset 9 - Programming Interface (00h) .......................... RO
The value returned by this register may be changed by writing
the desired value to PCI Configuration Function 4 offset 61h.
Offset A - Sub Class Code (00h) ....................................... RO
The value returned by this register may be changed by writing
the desired value to PCI Configuration Function 4 offset 62h.
Offset B - Base Class Code (00h) ...................................... RO
The value returned by this register may be changed by writing
the desired value to PCI Configuration Function 4 offset 63h.
Offset 0D - Latency Timer ............................................... RW
7-0
Timer Value .............................................. default = 0
Offset 0E - Header Type (00h).......................................... RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com