Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-55-
Register Descriptions - Super-I/O I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Command Summary – Sound Processor
#Type
Command
10 Play
8 bits directly
14 Play
8 bits via DMA
91 Play
High-speed 8 bits via DMA
16 Play
2-bit compressed via DMA
17 Play
2-bit compressed via DMA with reference
74 Play
4-bit compressed via DMA
75 Play
4-bit compressed via DMA with reference
76 Play
2.6-bit compressed via DMA
77 Play
2.6-bit compressed via DMA with reference
20 Record Direct
24 Record Via DMA
99 Record High-speed 8 bits via DMA
D1 Speaker Turn on speaker connection
D3 Speaker Turn off speaker connection
D8 Speaker Get speaker setting
40 Misc
Set sample rate
48 Misc
Set block length
80 Misc
Set silence block
D0 Misc
Stop DMA
D4 Misc
Continue DMA
E1 Misc
Get version
30 MIDI
Direct MIDI input
31 MIDI
MIDI input via interrupt
32 MIDI
Direct MIDI input with time stamp
33 MIDI
MIDI input via interrupt with time stamp
34 MIDI
Direct MIDI UART mode
35 MIDI
MIDI UART mode via interrupt
36 MIDI
Direct MIDI UART mode with time stamp
37 MIDI
MIDI UART mode via interrupt with time stamp
38 MIDI
Send MIDI code
Game Port Registers
These registers are fixed at the standard game port address of
201h.
I/O Port 201h – Game Port Status ................................... RO
7
Joystick B Button 2 Status
6
Joystick B Button 1 Status
5
Joystick A Button 2 Status
4
Joystick A Button 1 Status
3
Joystick B One-Shot Status for Y-Potentiometer
2
Joystick B One-Shot Status for X-Potentiometer
1
Joystick A One-Shot Status for Y-Potentiometer
0
Joystick A One-Shot Status for X-Potentiometer
I/O Port 201h – Start One-Shot....................................... WO
7-0
(Value Written is Ignored)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com